データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AR-10-R

  • AI
    The term **AR-10-R** can refer to specific components in two different industries: **Industrial Automation/Pneumatics** (often associated with SMC regulators) or **Radio Frequency (RF) Electronics**. Assuming you are inquiring about the electronic and electromechanical properties of a standard **AR-10-R** series (often a pressure regulator with electronic feedback or a specific RF resistor), here is the breakdown. --- ## 1. SMC AR-10-R (Pneumatic Regulator with Electronic Feedback) In industrial electronics, the AR-10-R is a miniature pressure regulator. While it is a mechanical device, its "electronic" ecosystem involves sensors and switches. | Component | Function | | :--- | :--- | | **Pressure Switch** | Often paired with an electronic reed switch or solid-state sensor to monitor line pressure. | | **Digital Pressure Gauge** | Some versions integrate an LCD display requiring a 12-24V DC power supply. | | **Feedback Loop** | Sends a signal (4-20mA or 0-10V) to a PLC (Programmable Logic Controller) to automate air flow. | --- ## 2. RF Electronic Components (Resistors/Attenuators) If "AR-10-R" refers to an **RF Chip Resistor** or **Attenuator** (often used in telecommunications), the electronic parts are defined by their material composition: ### Internal Structure 1. **Substrate:** Usually Alumina ($Al_2O_3$) or Beryllium Oxide (BeO) for high heat dissipation. 2. **Resistive Element:** A thin film of Tantalum Nitride or Ruthenium Oxide. 3. **Terminations:** Silver or Copper plating with a Nickel barrier and Solder (Tin/Lead or Lead-free) finish. ### Technical Specifications ```json { "Part_Type": "Fixed Resistor / Attenuator", "Resistance_Range": "10 Ohms (standard for R-suffix)", "Power_Rating": "0.5W to 10W depending on package size", "Tolerance": "±1% or ±5%", "Frequency_Range": "DC to 3GHz (typical for AR series)" } ``` --- ## 3. Maintenance and Electronic Integration When integrating these parts into a circuit or a system: * **ESD Protection:** RF variants are sensitive to Electrostatic Discharge. * **Voltage Rating:** Ensure the dielectric strength of the substrate is not exceeded to prevent "arcing." * **Thermal Management:** In high-power applications, these parts require a heat sink or thermal vias on the PCB.
    ✨ Follow-up Questions
    • ⤷ Are you referring to the SMC pneumatic regulator or a specific RF resistor component?
    • ⤷ What is the specific application (e.g.
    • ⤷ aerospace
    • ⤷ industrial automation
    • ⤷ or hobbyist electronics)?
    • ⤷ Do you need the pinout diagram or wiring schematics for the electronic pressure switch variant?