データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AS-30-R

  • AI
    The **AS-30-R** typically refers to a high-precision **Analog Single-Axis Tilt Sensor** (Inclinometer). These devices are commonly used in industrial automation, construction machinery, and structural monitoring to measure the angle of an object relative to gravity. --- ## 1. Core Technical Specifications The "AS-30-R" part number generally breaks down into specific electronic characteristics: | Parameter | Typical Specification | | :--- | :--- | | **Measurement Axis** | Single Axis (usually X or Y) | | **Range** | ±30 Degrees | | **Output Type** | Analog (Voltage or Current) | | **Resolution** | < 0.01° | | **Input Voltage** | 9V to 36V DC (Industrial standard) | | **Output Range** | 0.5V - 4.5V / 0V - 5V / 4-20mA | --- ## 2. Key Electronic Components The internal architecture of an AS-30-R sensor consists of several critical electronic stages: ### A. MEMS Sensing Element The heart of the device is a **MEMS (Micro-Electro-Mechanical Systems)** capacitive sensor. It consists of a suspended mass between plates. When the device tilts, gravity moves the mass, changing the capacitance between the plates. ### B. Signal Conditioning Circuit Because the raw output from a MEMS element is extremely weak, the internal PCB includes: * **Differential Amplifier:** To boost the tiny voltage changes. * **Low-Pass Filter:** To remove high-frequency noise and mechanical vibrations. * **Temperature Compensation:** A thermistor-based circuit that adjusts the output to prevent "drift" when the environment gets hot or cold. ### C. Output Driver This stage converts the processed signal into a robust analog format capable of traveling over long cables (the "R" often signifies a specific output resistance or ratiometric configuration). --- ## 3. Wiring and Pinout Standard AS-30-R units usually feature a 3-wire or 4-wire interface: | Wire Color | Function | Description | | :--- | :--- | :--- | | **Red** | VCC | Power Supply (Positive) | | **Black** | GND | Ground / Common | | **Green/Blue** | Out | Analog Signal Output | | **Yellow** | ADJ/Zero | Optional calibration/Zero-setting wire | --- ## 4. Common Applications * **Solar Tracking:** Ensuring solar panels are tilted exactly at 30 degrees to maximize sunlight. * **Leveling Systems:** Used in aerial work platforms (cherry pickers) to ensure safety. * **Bridge Monitoring:** Detecting structural shifts or sagging in civil engineering.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a MEMS inclinometer and an electrolytic tilt sensor?
    • ⤷ How do you calibrate the 'zero point' on an AS-30-R sensor?
    • ⤷ Can the AS-30-R be interfaced directly with an Arduino or PLC?