データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AS-M15SA-R

  • AI
    The **AS-M15SA-R** is a high-performance **Intelligent Power Module (IPM)** manufactured by **ON Semiconductor** (formerly Fairchild). It is specifically designed to drive three-phase motors in applications where space is limited and high efficiency is required. --- ## 1. Core Component Specifications The AS-M15SA-R integrates several electronic components into a single package to simplify inverter design. | Parameter | Specification | | :--- | :--- | | **Component Type** | IGBT Inverter (3-Phase) | | **Max Voltage ($V_{CES}$)** | 600V | | **Continuous Current ($I_C$)** | 15A | | **Package Type** | SPM27-EC (Surface Mount / Through-hole options) | | **Isolation Voltage** | 2000 $V_{rms}$ (1 min) | --- ## 2. Key Internal Features ### A. IGBT & Diode Bridge The module contains six **IGBTs** (Insulated Gate Bipolar Transistors) arranged in a 3-phase bridge configuration. Each IGBT is paired with a **Freewheeling Diode (FWD)** to protect against inductive spikes from the motor coils. ### B. Integrated Gate Drivers Unlike discrete IGBTs, this module includes built-in High-Side and Low-Side gate drive ICs. * **High-Side:** Features high-voltage level shifting, allowing it to be controlled directly by low-voltage logic (3.3V/5V). * **Low-Side:** Handles the grounding and control of the lower bridge. ### C. Protection Circuitry The "Intelligent" part of the IPM refers to its internal sensing and protection: * **UVLO (Under-Voltage Lock-Out):** Shuts down the module if the control supply voltage drops too low. * **SCP (Short-Circuit Protection):** Detects excessive current flows and disables the output to prevent fire or terminal failure. * **Fault Output:** Provides a signal to the host Microcontroller (MCU) if an error occurs. --- ## 3. Typical Pin Configuration The module uses a multi-pin layout (27 pins) categorized as follows: 1. **High-Power Pins:** P (Positive DC link), U/V/W (Motor outputs), and N (Negative DC link). 2. **Control Pins:** $IN_{(UH, VH, WH)}$ and $IN_{(UL, VL, WL)}$ for PWM signal inputs. 3. **Bootstrap Pins:** Used to power the high-side gate drivers. 4. **Error Pin ($V_{FO}$):** Fault indication output. --- ## 4. Common Applications * **HVAC Systems:** Air conditioner compressor drives. * **Industrial Automation:** Small-scale AC motor speed controllers (VFDs). * **Home Appliances:** High-end washing machines and refrigerators with BLDC (Brushless DC) motors.
    ✨ Follow-up Questions
    • ⤷ What are the recommended thermal management techniques for the AS-M15SA-R?
    • ⤷ Can this module be controlled directly by an Arduino or ESP32?
    • ⤷ What is the difference between the 'R' suffix and standard versions of this SPM?