データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AS01508MR-R

  • AI
    ### AS01508MR-R: Component Overview The **AS01508MR-R** is a high-performance, miniature dynamic speaker manufactured by **PUI Audio**. It is specifically designed for applications where space is limited but high-quality sound reproduction is required. --- ### 1. Technical Specifications The following table highlights the primary electrical and physical characteristics of the component: | Feature | Specification | | :--- | :--- | | **Type** | Dynamic Speaker | | **Rated Power** | 0.5 Watts | | **Maximum Power** | 0.8 Watts | | **Impedance** | 8 Ohms ± 15% | | **Sound Pressure Level (SPL)** | 84 dB ± 3dB @ 0.1W/0.1M | | **Resonant Frequency (Fo)** | 700 Hz ± 20% | | **Frequency Range** | 700 Hz ~ 20,000 Hz | | **Magnet Material** | NdFeB (Neodymium) | | **Weight** | ~1.5 Grams | --- ### 2. Key Electronic Features * **Neodymium Magnet:** Utilizes a rare-earth Neodymium (NdFeB) magnet. This allows the speaker to maintain high magnetic flux density in a tiny footprint, resulting in better efficiency and sensitivity compared to traditional ferrite magnets. * **Mylar Diaphragm:** The cone is typically constructed from Mylar (polyester film). This material is resistant to moisture and environmental changes, making it ideal for portable electronics. * **Spring Contact Terminals:** Unlike speakers that require soldering wires, this specific model often features surface-mount or spring-type contacts, facilitating easy assembly in mass-produced consumer electronics. --- ### 3. Applications and Usage Due to its small form factor (15mm x 8mm), the AS01508MR-R is commonly integrated into: 1. **Handheld Devices:** Smartwatches, scanners, and GPS units. 2. **Medical Equipment:** Portable monitors and diagnostic tools requiring audible alerts. 3. **IoT Devices:** Compact smart home sensors and voice-assistant peripherals. --- ### 4. Implementation Code (Example) To drive this speaker using a microcontroller (like an Arduino) via a simple PWM signal (square wave), you could use the following logic: ```cpp // Define the pin connected to the speaker driver (transistor/amp) const int speakerPin = 9; void setup() { pinMode(speakerPin, OUTPUT); } void loop() { // Play a 1000Hz tone for 500ms tone(speakerPin, 1000); delay(500); // Stop the tone noTone(speakerPin); delay(1000); } ``` *Note: Direct connection to a microcontroller GPIO is not recommended due to the 8-ohm impedance; use a small transistor or an LM386 amplifier circuit to prevent damage.*
    ✨ Follow-up Questions
    • ⤷ What is the maximum voltage this speaker can handle based on its 0.5W rating?
    • ⤷ Does this speaker require a specific enclosure for optimal bass response?
    • ⤷ What are the physical dimensions and mounting requirements for the AS01508MR-R?