データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AS01708MR-SC-2-R

  • AI
    ### Analysis of the AS01708MR-SC-2-R Speaker The **AS01708MR-SC-2-R** is a specialized, micro-sized audio speaker manufactured by **PUI Audio**. It is designed for compact electronic devices where space is limited but clear sound reproduction is required. --- ### 1. Key Specifications The following table outlines the primary electrical and physical characteristics of the component: | Feature | Specification | | :--- | :--- | | **Manufacturer** | PUI Audio | | **Speaker Type** | Dynamic, Micro Speaker | | **Impedance** | 8 Ohms (±15%) | | **Power Rating (Rated/Max)** | 0.8W / 1.0W | | **Sound Pressure Level (SPL)** | 84 dB @ 0.1W / 0.1M | | **Resonant Frequency (Fo)** | 600 Hz | | **Frequency Range** | 600 Hz ~ 20,000 Hz | | **Dimensions** | 17mm x 8mm | | **Connection Method** | Spring Contacts (Solderless) | --- ### 2. Physical Design and Construction The "SC" in the part number stands for **Spring Contacts**. This is a critical feature for modern electronics manufacturing: * **Solderless Integration:** The part features gold-plated spring fingers. It is mounted by pressing it against contact pads on a PCB (Printed Circuit Board), eliminating the need for wires or hand-soldering. * **Form Factor:** It is a rectangular "micro" speaker, often used in handheld devices. * **Diaphragm Material:** Usually constructed with high-quality Mylar or similar polymers to ensure durability despite the small size. --- ### 3. Application Use-Cases Due to its 8-ohm impedance and high sensitivity, it is commonly used in: 1. **Handheld Medical Devices:** For audible alerts and heart rate monitoring tones. 2. **IoT Controllers:** Smart home hubs or thermostats providing voice feedback. 3. **Industrial Handhelds:** Barcode scanners or portable terminals. 4. **Consumer Electronics:** Wearables and small portable gadgets. --- ### 4. Implementation Example (Basic Driver) To drive this speaker using a microcontroller (like an Arduino or ESP32), you typically use a small Class-D amplifier to prevent drawing too much current from the MCU pins. ```cpp // Basic Square Wave Tone Generation (Arduino Example) int speakerPin = 9; // Connected to an Amp/Transistor driving the AS01708MR void setup() { pinMode(speakerPin, OUTPUT); } void loop() { // Generate a 1kHz tone (within the speaker's 600Hz-20kHz range) tone(speakerPin, 1000); delay(500); noTone(speakerPin); delay(500); } ```
    ✨ Follow-up Questions
    • ⤷ What are the advantages of using spring contacts over wire leads for this speaker?
    • ⤷ How does the resonant frequency (Fo) affect the enclosure design for this part?
    • ⤷ Can this speaker be used with a standard Class-D audio amplifier?