データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AS01708MR-SC-R

  • AI
    ### Technical Overview of AS01708MR-SC-R The **AS01708MR-SC-R** is a high-performance, miniature speaker manufactured by **PUI Audio**. It is specifically designed for space-constrained applications requiring clear audio output, such as handheld devices, IoT sensors, and medical instruments. --- ### Key Specifications | Parameter | Specification | | :--- | :--- | | **Manufacturer** | PUI Audio | | **Type** | Dynamic Speaker (Moving Coil) | | **Dimensions** | 17mm x 8mm | | **Height** | 2.5mm | | **Impedance** | 8 Ohms ±15% | | **Power Rating** | 0.8W (Nominal) / 1.0W (Max) | | **Frequency Range** | 500 Hz ~ 20,000 Hz | | **Sound Pressure Level (SPL)** | 85 dB @ 0.1W/0.1M | | **Termination** | Spring Contacts (Solderless) | --- ### Core Electronic Components & Construction The device functions as a **transducer**, converting electrical energy into mechanical wave energy (sound). Its internal architecture consists of: 1. **Neodymium Magnet (NdFeB):** A high-strength rare-earth magnet that provides a powerful magnetic field within a very small footprint. 2. **Voice Coil:** A precision-wound coil of fine copper wire. When an alternating current (AC) audio signal passes through, it interacts with the magnetic field to create movement. 3. **Diaphragm:** Typically made of Mylar or a similar polymer. The voice coil is attached to this diaphragm, and its vibration displaces air to create sound waves. 4. **Spring Contacts:** This specific model features gold-plated spring contacts on the rear. This allows for easy integration onto a PCB without soldering, facilitating "drop-in" assembly and high-volume manufacturing. --- ### Key Features and Use Cases * **Slim Profile:** At only 2.5mm thick, it fits into modern "thin" electronics. * **IP Rating Potential:** When properly gasketed in an enclosure, these speakers are often used in designs requiring dust and moisture resistance. * **Broad Frequency Response:** Unlike simple buzzers, this speaker can reproduce human speech and complex melodies clearly. **Common Applications:** * Handheld scanners and POS terminals. * Smart home thermostats and security panels. * Wearable medical monitors. * Portable GPS and telematics devices. --- ### Electrical Implementation (Circuit Example) To drive the AS01708MR-SC-R, a Class D or Class AB audio amplifier is typically required. ```cpp // Pseudocode for basic PWM-based tone (for microcontrollers) void playTone(int frequency, int duration) { // Generate square wave at specified frequency // Note: A series capacitor (10uF - 100uF) is recommended // to block DC offset if not using a dedicated Amp. tone(SPEAKER_PIN, frequency, duration); } ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the benefits of using spring contacts over lead wires for this speaker?
    • ⤷ How does the resonant frequency (Fo) affect the enclosure design for this part?
    • ⤷ What is the recommended amplifier power for an 8 Ohm 0.8W speaker?