データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AS02804MR-R

  • AI
    ## Overview of the AS02804MR-R The **AS02804MR-R** is a high-quality miniature speaker manufactured by **PUI Audio, Inc.** It is part of their "Mobile Series," designed specifically for applications where space is limited but clear audio output is required. --- ### Technical Specifications The following table summarizes the primary electrical and physical characteristics of the component: | Feature | Specification | | :--- | :--- | | **Transducer Type** | Dynamic (Moving Coil) | | **Impedance** | 4 Ohms ± 15% | | **Rated Power** | 0.5 Watts | | **Maximum Power** | 0.8 Watts | | **Sound Pressure Level (SPL)** | 84 dB ± 3dB @ 0.1W/0.1M | | **Resonant Frequency (Fs)** | 500 Hz ± 20% | | **Frequency Range** | 500 Hz ~ 20,000 Hz | | **Magnet Material** | NdFeB (Neodymium) | | **Weight** | ~4.5 grams | --- ### Key Internal Electronic Parts The AS02804MR-R operates on electromagnetic principles using several key internal parts: 1. **Neodymium Magnet (NdFeB):** This provides a strong, permanent magnetic field. Neodymium is used because it allows the speaker to be very small while maintaining high efficiency and power handling. 2. **Voice Coil:** A thin wire (usually copper) wound around a former. When an electrical signal passes through this coil, it creates a fluctuating magnetic field that interacts with the permanent magnet. 3. **Mylar/Paper Diaphragm:** The moving part that pushes air to create sound waves. In this specific model, the materials are chosen for a balance between durability and high-frequency clarity. 4. **Solder Pads:** Located on the rear of the housing, these provide the electrical connection points for the PCB or wire leads. --- ### Application Usage Due to its low profile and 4-ohm impedance, this part is commonly used in: * **Handheld Devices:** Radios, scanners, and GPS units. * **IoT Hardware:** Smart home hubs or security panels. * **Medical Instruments:** For audible alerts and voice prompts. * **Portable Electronics:** Tablets or small gaming devices. --- ### Driving the Speaker To integrate this speaker into a circuit, you typically use a Class D or Class AB audio amplifier. Below is a conceptual representation of how it is connected: ```c // Example: Driving an alert tone using a Microcontroller and a small Amp [MCU PWM Output] ---> [Low Pass Filter] ---> [Audio Amplifier IC] ---> [AS02804MR-R] ^ | [5V Power Supply] ```
    ✨ Follow-up Questions
    • ⤷ What are the mounting recommendations for the AS02804MR-R to ensure best sound quality?
    • ⤷ Is there an 8-ohm version of this speaker available?
    • ⤷ Does this speaker require a specific enclosure volume for optimal bass response?