データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AS05008PS-R

  • AI
    ## Technical Overview of AS05008PS-R The **AS05008PS-R** is a high-performance, miniature dynamic speaker manufactured by **PUI Audio**. It is specifically designed for applications where space is limited but high-quality sound reproduction is required. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical and physical characteristics of the component: | Feature | Specification | | :--- | :--- | | **Impedance** | 8 Ohms (±15%) | | **Rated Power** | 0.5 Watts | | **Maximum Power** | 0.8 Watts | | **Sound Pressure Level (SPL)** | 86 ±3 dB @ 0.1W / 0.1m | | **Resonant Frequency (Fo)** | 500 Hz ±20% | | **Frequency Range** | 500 Hz ~ 20,000 Hz | | **Magnet Material** | NdFeB (Neodymium) | | **Diaphragm Material** | Mylar (PET) | | **Weight** | ~2.5 grams | --- ### 2. Core Electronic Components The device operates on electromagnetic principles using several internal parts: * **Voice Coil:** A thin copper wire wound into a coil. When an electrical signal (audio) passes through it, it creates a fluctuating magnetic field. * **Neodymium Magnet:** A high-strength permanent magnet that provides a stationary magnetic field. Neodymium is used to maintain a high SPL while keeping the footprint small. * **Mylar Diaphragm:** The vibrating element. In the AS05008PS-R, the Mylar construction provides moisture resistance and durability compared to paper-based cones. * **Frame/Housing:** Usually constructed from high-temp plastic or metal to hold the internal components in precise alignment. --- ### 3. Application Use-Cases Due to its small form factor (typically 50mm in diameter) and 8-ohm impedance, it is commonly used in: 1. **Handheld Devices:** Radios, scanners, and portable instruments. 2. **Security Systems:** Control panels and alarm notification sounds. 3. **IoT Devices:** Smart home hubs and voice-prompted appliances. 4. **Medical Equipment:** Patient monitors and diagnostic tools requiring audible alerts. --- ### 4. Integration Considerations * **Polarity:** The terminals are usually marked (positive and negative). Proper polarity is essential in multi-speaker setups to prevent phase cancellation. * **Enclosure Design:** To achieve the best low-frequency response, this speaker should be mounted in a sealed or ported enclosure to prevent "acoustic short-circuiting" where the sound from the back cancels the sound from the front. * **Driving Circuit:** Since it is an 8-ohm speaker, it can be driven by standard Class D or Class AB audio amplifiers.
    ✨ Follow-up Questions
    • ⤷ What is the physical diameter and depth of the AS05008PS-R?
    • ⤷ Can this speaker be used with a 5V microcontroller output directly?
    • ⤷ What are the advantages of Mylar diaphragms over paper ones in this model?