データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AS09008PO-WR-R

  • AI
    ## Analysis of the AS09008PO-WR-R Speaker The **AS09008PO-WR-R** is a high-performance, water-resistant micro speaker manufactured by **PUI Audio**. It is designed for applications requiring clear audio output in environments where moisture or dust may be present. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Speaker Type** | Dynamic, Permanent Magnet | | **Impedance** | 8 Ohms | | **Rated Power** | 0.5 Watts | | **Max Power** | 0.8 Watts | | **Frequency Range** | 500 Hz ~ 4,000 Hz | | **Sound Pressure Level (SPL)** | 84 ± 3 dB @ 0.1W/0.1M | | **Dimensions** | 9mm x 9mm x 4mm | | **IP Rating** | IP67 (Dust tight and Water immersion up to 1m) | --- ### 2. Electronic & Mechanical Features * **Waterproof Construction:** The "WR" in the part number signifies Water Resistance. It utilizes a specialized diaphragm material (often Polyetheretherketone or PEEK) and protective seals to prevent water ingress without significantly dampening sound quality. * **Magnet Material:** Typically employs **NdFeB (Neodymium)** magnets. These provide high flux density in a tiny footprint, allowing the speaker to remain small (9mm) while maintaining decent volume. * **Termination:** Usually features surface-mount or lead wire connection points designed for compact PCB integration. * **Polarity:** Standardized marking where a positive voltage applied to the (+) terminal causes the diaphragm to move outward. --- ### 3. Application Use Cases Because of its tiny size and IP67 rating, this component is frequently found in: 1. **Wearable Electronics:** Smartwatches or fitness trackers that need to survive rain or sweat. 2. **Handheld Radios:** Portable communication devices used in outdoor or industrial settings. 3. **IoT Sensors:** Devices that provide audible alerts (beeps/tones) in damp environments like smart irrigation or external security sensors. 4. **Medical Devices:** Portable monitors that require frequent sanitization/wiping down. --- ### 4. Integration Considerations ```python # Example: Calculating Power for this Speaker # Power (P) = Voltage (V)^2 / Resistance (R) impedance = 8 # Ohms rated_power = 0.5 # Watts # To find the maximum RMS voltage to avoid damage: import math max_voltage = math.sqrt(rated_power * impedance) print(f"Maximum RMS Operating Voltage: {max_voltage:.2f}V") # Result: ~2.00V ```
    ✨ Follow-up Questions
    • What are the mounting requirements for maintaining the IP67 seal?
    • How does the frequency response curve look for this specific 9mm driver?
    • Are there alternative models with higher power ratings in the same footprint?