データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AS4CT-S52-R

  • AI
    The **AS4CT-S52-R** is a high-performance **Current Transformer (CT)** typically used in energy metering, power monitoring, and industrial automation. It is designed to step down high currents to a lower, measurable level for electronic circuits. --- ## 1. Technical Specifications Below are the typical technical parameters for the AS4CT series current transformers: | Parameter | Description | | :--- | :--- | | **Turns Ratio** | Generally 1:2500 (Check specific datasheet for S52 variant) | | **Input Current Range** | Typically 0.1A to 60A (Rated) | | **Accuracy Class** | Class 0.1 or 0.2 (High Precision) | | **Frequency Range** | 50Hz / 60Hz | | **Isolation Voltage** | 2500V - 4000V AC | | **Operating Temperature** | -40°C to +85°C | | **DC Resistance** | Low secondary resistance (e.g., 50-100Ω) | --- ## 2. Key Components & Construction The AS4CT-S52-R consists of several critical electronic and physical parts: ### A. Magnetic Core * **Material:** Usually high-permeability nanocrystalline or permalloy. * **Function:** Concentrates the magnetic flux generated by the primary conductor to ensure high linear accuracy even at low currents. ### B. Secondary Winding * **Material:** Fine enamel-coated copper wire. * **Function:** The wire is wound around the core a specific number of times (the turns ratio) to produce a proportional output current. ### C. Housing & Encapsulation * **Material:** PBT (Polybutylene Terephthalate) or Flame-retardant Plastic (UL94-V0). * **Filling:** Epoxy resin potting. * **Function:** Protects the internal windings from moisture, vibration, and provides electrical insulation. ### D. Terminals/Pins * **Material:** Tin-plated brass or copper. * **Mounting:** PCB (Printed Circuit Board) through-hole mounting. --- ## 3. Typical Application Circuit When integrating this part into an electronic system, a "Burden Resistor" ($R_b$) is required to convert the output current into a measurable voltage for an ADC (Analog-to-Digital Converter). ```python # Theoretical Calculation for Output Voltage # V_out = (I_primary / Turns_Ratio) * R_burden primary_current = 50 # Amps turns_ratio = 2500 burden_resistor = 10 # Ohms secondary_current = primary_current / turns_ratio v_out = secondary_current * burden_resistor print(f"Output Voltage: {v_out}V") # Result: 0.2V ``` --- ## 4. Usage Precautions * **Open Circuit Risk:** Never leave the secondary terminals of a CT open while the primary current is flowing. This can generate high-voltage spikes that may damage the insulation or cause electric shock. * **Saturation:** Ensure the primary current does not exceed the rated limit to avoid magnetic saturation, which leads to measurement errors. * **Phase Shift:** High-precision meters must account for the small phase angle error inherent in all current transformers.
    ✨ Follow-up Questions
    • ⤷ What is the maximum rated current for the AS4CT-S52-R?
    • ⤷ How do I select the correct burden resistor value for this transformer?
    • ⤷ What are the primary differences between this and a Hall Effect sensor?