データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AS4V-S13-R

  • AI
    The **AS4V-S13-R** is a specific electronic component, typically categorized as a **Surface Mount (SMT) Low-Voltage TVS (Transient Voltage Suppressor) Diode Array** or a specialized protection switch, often manufactured by brands like *Abov Semiconductor* or similar specialized power management vendors. --- ### 1. General Specifications While specific datasheets can vary by manufacturer, parts with this nomenclature generally follow these specifications: | Feature | Description | | :--- | :--- | | **Component Type** | TVS Diode Array / ESD Protection | | **Package Type** | SOT-23 or SOD-323 (Surface Mount) | | **Working Voltage ($V_{rwm}$)** | Typically 3.3V to 5V | | **Polarity** | Unidirectional or Bidirectional (Variant dependent) | | **Applications** | Mobile phones, USB ports, HDMI protection | --- ### 2. Key Electronic Characteristics The "AS4V" series is designed to protect sensitive integrated circuits (ICs) from electrostatic discharge (ESD) and voltage surges. * **Low Clamping Voltage:** This ensures that when a spike occurs, the voltage seen by the protected component remains below its failure threshold. * **Low Capacitance:** Critical for high-speed data lines (like USB 2.0/3.0) to prevent signal distortion or "jitter." * **Fast Response Time:** Reacts in nanoseconds to prevent damage from rapid ESD events. --- ### 3. Pinout and Circuit Layout In a standard 3-pin configuration (like the SOT-23 package), the internal circuitry usually looks like this: ```text [Pin 3] | -------|------- | | | [Pin 1] | [Pin 2] ``` * **Pin 1 & 2:** Connected to the data lines or VCC lines requiring protection. * **Pin 3:** Connected to the Ground (GND) to shunt excess current. --- ### 4. Application Use Cases 1. **USB Protection:** Placed near the USB connector to protect the internal controller from static when a cable is plugged in. 2. **Portable Electronics:** Used in tablets and smartphones due to the small footprint and low power leakage. 3. **Sensor Protection:** Guards analog sensor inputs from industrial noise or surges. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum peak pulse current (Ipp) for the AS4V-S13-R?
    • ⤷ Can this part be used for high-speed HDMI 2.0 data lines?
    • ⤷ What are the common equivalent alternatives for this protection diode?