データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ASD-61-R/Q

  • AI
    The **ASD-61-R/Q** refers to a high-performance, compact AC Servo Drive, typically part of the **Delta Electronics ASDA-A2 Series**. This specific model is designed for high-precision motion control applications. Below is an explanation of its electronic components, specifications, and connectivity. --- ### 1. Technical Specifications The "61" in the model name typically indicates the power rating and frame size, while "R/Q" denotes specific communication interfaces. | Feature | Specification | | :--- | :--- | | **Input Power Phase** | 3-Phase / 1-Phase AC 220V | | **Output Power** | 100W - 400W (depending on specific configuration) | | **Control Mode** | Position / Speed / Torque / Internal Position (Pr) | | **Encoder Resolution** | 20-bit (1,280,000 pulses/rev) | | **Communication (R)** | RS-485 / RS-232 / RS-422 | | **Communication (Q)** | Built-in Electronic Cam (E-Cam) and specialized logic | --- ### 2. Key Electronic Components The internal architecture of the ASD-61-R/Q consists of several critical electronic stages: #### A. Power Stage (Inverter Section) * **IPM (Intelligent Power Module):** Uses high-speed IGBTs to convert DC bus voltage into a Variable Frequency/Variable Voltage AC output to drive the motor. * **Rectifier Bridge:** Converts the incoming AC line voltage into DC voltage. * **Bus Capacitors:** High-capacity electrolytic capacitors used to smooth the DC voltage and store energy for regenerative braking. #### B. Control and Processing Unit * **High-Speed DSP (Digital Signal Processor):** The "brain" of the drive. It calculates the PID loops for current, velocity, and position in microseconds. * **FPGA:** Handles high-speed encoder feedback processing and pulse-train input/output. #### C. Interface and Connectivity * **CN1 (I/O Connector):** 50-pin high-density connector for digital inputs (DI), digital outputs (DO), and analog command signals. * **CN2 (Encoder Connector):** Receives the high-resolution feedback from the motor encoder. * **CN3 (Communication):** RJ-45 or specialized serial port for PC software (ASDA-Soft) and PLC communication. --- ### 3. Circuit Protection Features The electronic design includes several safety and protection circuits: 1. **Overcurrent Protection:** Shuts down the IPM if current exceeds safe limits. 2. **Overvoltage Protection:** Monitors the DC bus to prevent damage from regenerative energy. 3. **Short Circuit Protection:** Detects faults in the motor leads. 4. **Encoder Loss Detection:** Monitors the integrity of the feedback signal to prevent "runaway" conditions. --- ### 4. Comparison: R vs. Q Models While both share the same power electronics, their logic capabilities differ: | Feature | **R-Type** | **Q-Type** | | :--- | :--- | :--- | | **Primary Use** | Standard Pulse/Analog Control | Advanced Motion Control | | **E-Cam** | Not supported | Full Electronic Cam Support | | **Pulse Input** | Up to 4Mpps | Up to 4Mpps | | **Target Apps** | Simple conveyors, XY tables | Labeling machines, Flying shears | ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the CN1 and CN2 pinouts for this drive?
    • ⤷ How do I wire the regenerative resistor for the ASD-61 series?
    • ⤷ Which software is used to tune the ASD-61-R/Q parameters?