データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ASM162JCUSFSLASHT

  • AI
    The **ASM1162-JCUSFSLASHT** is a high-performance integrated circuit (IC) primarily used in data storage and interface bridging. It is manufactured by **ASMedia Technology**, a company specialized in high-speed I/O solutions. --- ### 1. Key Functionality The ASM1162 is a **SATA Host Controller**. It acts as a bridge between a PCIe (Peripheral Component Interconnect Express) bus and SATA (Serial ATA) interfaces. This allows a computer system to connect additional hard drives (HDDs) or solid-state drives (SSDs) through a PCIe slot. ### 2. Technical Specifications | Feature | Specification | | :--- | :--- | | **Upstream Interface** | PCIe Gen2 x2 (5Gbps per lane) | | **Downstream Interface** | 2-Port SATA 6Gbps (SATA III) | | **Protocol Support** | AHCI (Advanced Host Controller Interface) | | **SATA Features** | NCQ (Native Command Queuing), Port Multiplier | | **Package Type** | QFN (Quad Flat No-leads) | | **Power Supply** | 1.2V Core / 3.3V I/O | --- ### 3. Detailed Component Breakdown #### A. PCIe Interface (Upstream) The chip utilizes **PCIe Gen2** logic. While newer Gen3/4 standards exist, Gen2 x2 provides sufficient bandwidth (up to 10Gbps aggregate) to prevent bottlenecks for two SATA III drives simultaneously. #### B. SATA Controller (Downstream) It supports two independent SATA channels. Each channel is compliant with **SATA Revision 3.2**, supporting data transfer rates of up to 6.0 Gbps. It is backwards compatible with SATA 1.5Gbps and 3.0Gbps. #### C. AHCI Compliance Because it is AHCI 1.3 compliant, it does not require proprietary drivers in most modern operating systems (Windows, Linux, macOS). The OS recognizes it as a standard SATA controller. #### D. Power Management The chip includes integrated regulators and supports low-power states (Partial/Slumber), making it suitable for laptops or energy-efficient server expansion cards. --- ### 4. Common Applications * **PCIe to SATA Expansion Cards:** Used in desktop PCs to add more SATA ports. * **Embedded Systems:** Industrial motherboards requiring extra storage connectivity. * **External Storage Arrays:** Multi-bay HDD enclosures or RAID subsystems. --- ### 5. Part Number Suffix Breakdown The specific string `JCUSFSLASHT` usually denotes internal tracking for ASMedia, but generally follows this logic: * **JC:** Commercial temperature range. * **U:** Lead-free / RoHS compliant packaging. * **S/F/T:** Specific revision codes, tray/reel packaging info, or firmware versions pre-loaded on the chip.
    ✨ Follow-up Questions
    • ⤷What is the difference between the ASM1162 and the ASM1166?
    • ⤷ Does this chip support RAID configurations hardware-side?
    • ⤷ What are the power consumption requirements for this IC?