データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ASM3P622S00AG-08-SR

  • AI
    The **ASM3P622S00AG-08-SR** is a low-power, peak EMI (Electromagnetic Interference) reducing IC, specifically designed to address electromagnetic compatibility (EMC) challenges in digital systems. --- ## 1. Core Functionality The device is a **Spread Spectrum Clock Generator (SSCG)**. Its primary role is to take a reference clock input and modulate the frequency slightly (dithering). This spreads the spectral energy of the clock signal over a wider frequency band, effectively lowering the peak radiation (EMI) without requiring expensive shielding or large filter components. ### Technical Specifications | Parameter | Value / Description | | :--- | :--- | | **Part Number** | ASM3P622S00AG-08-SR | | **Type** | Spread Spectrum Clock Generator | | **Operating Voltage** | 3.3V (Typical) | | **Input Frequency** | 12 MHz to 30 MHz | | **Output Frequency** | Same as Input (1x) | | **Modulation Rate** | Low-frequency modulation (typically ~30kHz) | | **Package Type** | SOIC-8 (Small Outline Integrated Circuit) | | **Lead Status** | Green / RoHS Compliant | --- ## 2. Pin Configuration (SOIC-8) The device uses a standard 8-pin layout to manage power, clock input, and frequency modulation settings. | Pin # | Name | Description | | :--- | :--- | :--- | | 1 | **CLKIN** | Reference Clock Input (from Crystal or Oscillator). | | 2 | **VSS** | Ground connection. | | 3 | **CLKOUT** | Modulated (Spread Spectrum) Clock Output. | | 4 | **VDD** | 3.3V Power Supply. | | 5, 6 | **S0, S1** | Modulation Selection pins (Logic High/Low to set spread percentage). | | 7, 8 | **NC / XOUT** | Crystal connection pins (if using a crystal instead of an external clock). | --- ## 3. Key Applications This component is vital in high-speed digital electronics where strict EMI regulations (like FCC or CE) must be met. Common applications include: * **Printers & Scanners:** Reducing noise from internal timing controllers. * **Display Panels:** Eliminating interference in LCD/LED driver circuits. * **Networking Gear:** Modulating clocks for routers and switches. * **Embedded Systems:** General purpose EMI reduction for microcontrollers. --- ## 4. Operational Advantages * **Cost Efficiency:** It is often cheaper to add a small IC like this than to redesign a PCB or add metallic shielding. * **System Stability:** It provides a synchronized clock output with very low jitter relative to the spread frequency. * **Flexibility:** The modulation percentage (how much the frequency deviates) can often be adjusted via the S0/S1 pins to find the balance between EMI reduction and system timing tolerances.
    ✨ Follow-up Questions
    • ⤷ How does the spread spectrum modulation affect the timing jitter of the output clock?
    • ⤷ What are the specific logic levels for the S0 and S1 pins to set different modulation percentages?
    • ⤷ Can this IC be used with an external crystal instead of a pre-existing clock signal?