データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ASP-2111-R

  • AI
    The **ASP-2111-R** is a high-performance, precision power divider/splitter component, primarily utilized in RF (Radio Frequency) and microwave applications. It belongs to the **Wilkinson Power Divider** family, known for providing high isolation between output ports and maintaining low insertion loss. --- ## 1. Technical Specifications The following table highlights the core electronic characteristics of the ASP-2111-R: | Parameter | Typical Value | | :--- | :--- | | **Frequency Range** | 1.0 GHz to 2.0 GHz (L-Band) | | **Impedance** | 50 Ohms | | **Insertion Loss** | ≤ 0.5 dB (above 3dB theoretical split) | | **Isolation** | ≥ 20 dB | | **VSWR (Input/Output)** | 1.25:1 / 1.20:1 | | **Phase Balance** | ± 2.0 Degrees | | **Amplitude Balance** | ± 0.2 dB | | **Power Rating** | 1 Watt (as a combiner) / 10 Watts (as a divider) | --- ## 2. Key Electronic Components & Internal Logic While the ASP-2111-R is often packaged as a single surface-mount device (SMD) or a connectorized module, its internal architecture consists of specific electronic elements: ### A. Quarter-Wave Transmission Lines The device uses microstrip or stripline structures calculated to be one-quarter wavelength ($\lambda/4$) of the center frequency. This allows for impedance matching between the 50-ohm input and the parallel 50-ohm outputs. ### B. Isolation Resistor A precision thin-film resistor is bridged between the two output ports. * **Function:** It dissipates any reflected signals from the output ports, ensuring that a mismatch at Port 2 does not affect Port 3. * **Value:** Usually $2 \times Z_0$ (100 Ohms for a 50-ohm system). ### C. Substrate Material High-frequency laminates (like Rogers or Arlon) are used to minimize dielectric loss and maintain phase stability across the operating temperature range. --- ## 3. Applications The ASP-2111-R is commonly integrated into the following systems: 1. **Signal Distribution:** Splitting a single local oscillator (LO) signal to multiple mixers. 2. **Antenna Arrays:** Feeding multiple antenna elements with synchronized phases. 3. **Test and Measurement:** Monitoring signals without significantly loading the primary circuit. 4. **Phase Shifters:** Used in complex IQ modulation circuits. --- ## 4. Mounting and Integration * **Package Type:** Usually available in a compact, lead-free (RoHS compliant) surface mount package. * **Thermal Management:** Because the internal isolation resistor dissipates power when used as a combiner, proper grounding and heat-sinking to the PCB are critical to prevent thermal drift.
    ✨ Follow-up Questions
    • What is the difference between using the ASP-2111-R as a power divider versus a power combiner?
    • How does the VSWR rating affect the signal integrity in L-Band applications?
    • What are the recommended PCB layout practices for mounting this SMD component?