ASX05404-HD-R
AI

The **ASX05404-HD-R** is a high-definition, micro-sized speaker manufactured by **PUI Audio**. It is part of their "AS" series, designed for high-fidelity audio output in compact electronic devices.
---
## 1. Technical Specifications
The following table summarizes the primary electrical and physical characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Transducer Type** | Dynamic (Moving Coil) |
| **Impedance** | 4 Ohms (±15%) |
| **Power Rating (Nominal)** | 2 Watts |
| **Power Rating (Maximum)** | 3 Watts |
| **Frequency Range** | 200 Hz ~ 20,000 Hz |
| **Sensitivity (SPL)** | 84 dB @ 1W/0.5M |
| **Diaphragm Material** | Polyetheretherketone (PEEK) |
| **Magnet Material** | NdFeB (Neodymium) |
---
## 2. Key Features
* **High Definition (HD) Audio:** Engineered with a wide frequency response (up to 20kHz), allowing it to reproduce clear high-frequency tones often lost in standard miniature speakers.
* **PEEK Diaphragm:** The use of a PEEK diaphragm provides excellent thermal stability and mechanical strength, reducing distortion at higher volumes.
* **Neodymium Magnet:** Utilizes high-grade Neodymium magnets to provide a strong magnetic field in a small footprint, resulting in high efficiency.
* **Space-Saving Design:** Its rectangular form factor is optimized for slim devices where circular speakers would not fit.
---
## 3. Typical Applications
The ASX05404-HD-R is commonly found in "Internet of Things" (IoT) devices and portable electronics where high-quality voice or music reproduction is required:
* **Smart Home Devices:** Smart thermostats, security cameras, and video doorbells.
* **Medical Equipment:** Portable monitors and diagnostic tools requiring audible alerts.
* **Handheld Terminals:** POS systems and ruggedized mobile scanners.
* **Robotics:** Compact audio feedback systems for consumer robots.
---
## 4. Mounting and Connection
The device typically features **solder pads** for direct wire attachment. Because it is an "exciter" style micro-speaker, it is highly recommended to mount it within a tuned enclosure to achieve the best bass response and prevent acoustic cancellation.
- ⤷
What are the recommended enclosure dimensions for the ASX05404-HD-R?
- ⤷ How does the 4-Ohm impedance affect the choice of audio amplifier?
- ⤷ Are there waterproof versions of this PUI Audio speaker?