データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AT45DB321C-RU

  • AI
    ### AT45DB321C-RU: Technical Overview The **AT45DB321C-RU** is a 32-megabit (4MB), 2.7-volt only, serial-interface Flash memory chip, originally manufactured by **Atmel** (now part of Adesto/Renesas). It belongs to the **DataFlash** family, which is specifically designed for high-density data storage in embedded systems. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Capacity** | 32 Megabits (4,194,304 bytes) | | **Interface** | Serial Peripheral Interface (SPI) - Modes 0 and 3 | | **Operating Voltage** | 2.7V to 3.6V | | **Clock Frequency** | Up to 40 MHz | | **Package Type** | 28-lead TSSOP (Type R - "RU" suffix) | | **Internal Architecture** | 8,192 pages of 512 or 528 bytes each | --- ### 2. Core Functional Components The internal architecture of the AT45DB321C is what sets it apart from standard NOR flash: * **Dual SRAM Buffers:** It contains two 512/528-byte SRAM buffers. This allows for "Continuous Array Read" and "Buffer to Main Memory Page Wrap" operations. You can write data to one buffer while the chip is busy transferring the other buffer to the main Flash array. * **Flexible Page Sizing:** The device can be configured to use 512 bytes (binary power-of-two) or 528 bytes (additional space for parity/ECC) per page. * **Sector Erase/Page Erase:** It supports fine-grained erasing. You don't have to erase the entire chip to update a single byte; you can perform a page erase (512 bytes) or a block erase. --- ### 3. Pinout Configuration (28-lead TSSOP) The "RU" package suffix indicates a thin shrink small outline package. Key pins include: | Pin Name | Function | Description | | :--- | :--- | :--- | | **SI** | Serial Input | Data input for instructions and data. | | **SO** | Serial Output | Data output from the memory. | | **SCK** | Serial Clock | Synchronizes the data transfer. | | **CS** | Chip Select | Activates the device when pulled low. | | **WP** | Write Protect | Hardware protection for the first sector. | | **RESET** | Hardware Reset | Terminates any operation and resets the internal state. | | **RDY/BUSY** | Status Pin | Indicates if the device is busy with an internal task. | --- ### 4. Applications and Use Cases Due to its page-erase capability and dual-buffer system, this part is ideal for: * **Data Logging:** Frequent writing of sensor data without the overhead of large block erases. * **Firmware Storage:** Storing code for microcontrollers (MCU) that can be loaded into RAM at boot. * **Voice/Image Storage:** Sequential data storage in portable devices. --- ### 5. Programming Example (SPI) To read the "Status Register" to check if the chip is busy, the SPI master sends the opcode `0xD7`. ```c // Pseudo-code for reading Status Register uint8_t readStatus() { uint8_t status; digitalWrite(CS_PIN, LOW); // Enable chip SPI.transfer(0xD7); // Send Status Register Opcode status = SPI.transfer(0x00); // Clock in the result digitalWrite(CS_PIN, HIGH); // Disable chip return status; } ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the AT45DB and standard AT25 series SPI flash?
    • ⤷ How do I configure the page size from 528 bytes to 512 bytes?
    • ⤷ What is the life expectancy or write endurance of this specific Flash chip?