データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AT86RF211DAI-R

  • AI
    ### Overview of AT86RF211DAI-R The **AT86RF211DAI-R** is a single-chip, low-power FSK (Frequency Shift Keying) transceiver designed for the ISM (Industrial, Scientific, and Medical) radio frequency bands. It is primarily used in low-data-rate wireless applications where power efficiency is critical. --- ### Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Frequency Range** | 400 MHz to 950 MHz (Multi-band) | | **Data Rate** | Up to 64 kbps | | **Modulation** | FSK (Frequency Shift Keying) | | **Operating Voltage** | 2.4V to 3.75V | | **Sensitivity** | -105 dBm (at 4.8 kbps) | | **Output Power** | Up to +14 dBm (programmable) | | **Package Type** | 48-pin LQFP / QFN | --- ### Internal Functional Blocks The electronic architecture of the AT86RF211 is divided into three main sections: #### 1. The Receiver Section * **LNA (Low Noise Amplifier):** Amplifies the weak incoming RF signal from the antenna with minimal noise addition. * **Mixer & Intermediate Frequency (IF):** Converts the high-frequency RF signal down to a lower IF for easier processing. * **Demodulator:** Extracts the digital data from the FSK modulated carrier wave. #### 2. The Transmitter Section * **PLL (Phase-Locked Loop):** A high-precision synthesizer that generates the stable carrier frequency. * **Power Amplifier (PA):** Boosts the signal for transmission. The output power is digitally controllable to save energy in short-range applications. #### 3. Control & Interface * **SPI Interface:** Allows an external microcontroller (MCU) to configure registers, set frequencies, and manage data buffers. * **Wake-up Timer:** An integrated low-power timer that allows the chip to remain in sleep mode and "wake up" periodically to check for incoming signals. --- ### Typical Application Circuit Requirements To implement the AT86RF211DAI-R in a design, the following external electronic components are typically required: * **Crystal Oscillator:** A high-stability crystal (usually around 10-20 MHz) is required for the internal PLL. * **Matching Network:** A combination of inductors and capacitors (LC circuit) to match the impedance between the chip and the antenna (usually 50 ohms). * **Decoupling Capacitors:** Small capacitors (10nF to 100nF) placed close to the VCC pins to filter power supply noise. ### Common Use Cases 1. **AMR (Automatic Meter Reading):** Smart gas or water meters. 2. **Home Automation:** Wireless lighting control and security sensors. 3. **Industrial Telemetry:** Remote monitoring of sensors in factories. 4. **Keyless Entry:** Automotive or secure building access. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between FSK and ASK modulation in the context of this chip?
    • ⤷ How does the Wake-up Timer contribute to battery life optimization?
    • ⤷ Can this chip be used for Sub-1GHz Zigbee applications?