データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ATCHVR

  • AI
    Based on common electronic components and high-voltage terminology, it appears you are referring to a **High Voltage Relay (HVR)** or a specific protection circuit involving high voltage switching. In electronics, "ATCHVR" is often a shorthand or a specific part designation for an **Advanced Technology / Automotive High Voltage Relay** used primarily in electric vehicles (EVs) and power management systems. --- ### Core Components of a High Voltage Relay (HVR) | Component | Function | Material/Type | | :--- | :--- | :--- | | **Coil** | Generates an electromagnetic field to move the internal switch. | Copper wire winding | | **Contacts** | The physical points that open or close the circuit. | Tungsten or Silver alloy | | **Arc Extinguisher** | Prevents electrical arcing when contacts open. | Hydrogen/Nitrogen gas or Vacuum | | **Ceramic Envelope** | Provides high-temperature insulation and hermetic sealing. | Alumina Ceramic | | **Return Spring** | Ensures the contacts return to a "safe" (open) state when power is cut. | Stainless Steel | --- ### Key Technical Specifications When dealing with these parts, engineers look at the following parameters: 1. **Nominal Voltage:** The standard operating voltage (e.g., 400V, 800V, or 1000V DC). 2. **Continuous Current:** The amount of amperage the part can handle without overheating. 3. **Dielectric Strength:** The ability of the insulator to prevent a breakdown between the high voltage and low voltage sides. 4. **Hermetic Sealing:** Essential for parts labeled for high voltage to prevent oxidation and moisture ingress. ### Typical Applications 1. **Electric Vehicles (EVs):** Used in the Battery Disconnect Unit (BDU) to safely engage the main battery pack. 2. **Charging Stations:** High-speed DC chargers use these relays to manage power flow to the vehicle. 3. **Solar Inverters:** Used to switch high-voltage DC strings from solar panels into the AC conversion system. 4. **Energy Storage Systems (ESS):** Protection and isolation for large-scale industrial batteries. --- ### Safety Mechanisms * **Galvanic Isolation:** Physical separation between the low-voltage control signal (usually 12V or 24V) and the high-voltage load. * **Pre-charge Resistor Compatibility:** Often used in conjunction with a "Pre-charge" circuit to prevent a massive current inrush that could weld the contacts shut.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a standard relay and a High Voltage Relay?
    • ⤷ How does an arc extinguisher work inside a hermetically sealed relay?
    • ⤷ Why is a pre-charge circuit necessary for HVR components?