データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ATE-R14

  • AI
    The **ATE-R14** is a specialized high-power, aluminum-housed wirewound resistor typically used in industrial electronics for power dissipation, motor control, and braking applications. --- ### 1. Technical Specifications These components are designed to handle significant heat and provide stable resistance under high-load conditions. | Parameter | Typical Value / Range | | :--- | :--- | | **Component Type** | Aluminum Housed Power Resistor | | **Power Rating** | 50W to 500W (depending on heat sink size) | | **Resistance Range** | 0.1Ω to 50kΩ | | **Tolerance** | ±1%, ±5%, or ±10% | | **Temperature Coefficient** | ±50ppm/°C to ±100ppm/°C | | **Housing Material** | Extruded Aluminum (Gold or Silver Anodized) | ### 2. Physical Construction The "R14" designation often refers to the specific physical footprint or the terminal configuration. * **Core:** A ceramic mandrel wrapped with a resistive alloy wire (usually Nichrome). * **Encapsulation:** The internal element is molded into an aluminum housing using a high-thermal-conductivity epoxy or silicone. * **Finned Design:** The aluminum casing features longitudinal fins to increase surface area, facilitating faster heat dissipation into the surrounding air or onto a metal chassis. ### 3. Key Electronic Functions The ATE-R14 serves several critical roles in electronic circuits: 1. **Dynamic Braking:** Absorbs the kinetic energy from motors during deceleration, converting it into heat to prevent voltage spikes in the DC bus. 2. **Inrush Current Limiting:** Protects sensitive components (like bridge rectifiers and capacitors) by limiting the initial surge of current during power-up. 3. **Dummy Load:** Used in testing power supplies or RF transmitters to simulate a real-world load without radiating signals. 4. **Voltage Division:** In high-power circuits, it acts as a robust voltage divider. ### 4. Installation Requirements Because these are **power resistors**, thermal management is vital: * **Chassis Mounting:** These parts *must* be mounted to a metal surface (heat sink) to achieve their full power rating. Without a heat sink, the power rating may drop by up to 60%. * **Thermal Paste:** Applying a thin layer of thermal grease between the resistor base and the mounting surface is recommended to bridge microscopic air gaps. ---
    ✨ Follow-up Questions
    • ⤷What are the specific dimensions of the R14 housing style?
    • ⤷ How do I calculate the heat sink size required for an ATE-R14 resistor?
    • ⤷ Can the ATE-R14 be used in high-frequency AC applications?