データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ATE-R15

  • AI
    The **ATE-R15** typically refers to a high-precision, surface-mount (SMD) wire-wound resistor or a specific high-power resistor series designed for industrial and automotive applications. Below is an overview of the electronic specifications and characteristics associated with this part. --- ### 1. Key Specifications The following table outlines the general technical parameters for resistors in the R15/ATE category: | Parameter | Typical Value / Range | | :--- | :--- | | **Resistance Value** | 15 Ohms (indicated by "R15" or "15R") | | **Tolerance** | ±1%, ±5% (Standard) | | **Power Rating** | 15W to 50W (depending on heat sinking) | | **Technology** | Wire-wound or Metal Oxide | | **Package Type** | Chassis Mount or High-Power SMD | | **Operating Temp** | -55°C to +155°C (or higher) | --- ### 2. Physical Characteristics * **Core Material:** Usually a ceramic or alumina core which provides excellent thermal conductivity. * **Coating:** Encapsulated in a flameproof silicone or epoxy resin, or housed in an aluminum casing for heat dissipation. * **Terminals:** Tin-plated copper leads or solder pads designed for high-current throughput. ### 3. Functional Roles In a circuit, the ATE-R15 serves several critical functions: 1. **Current Limiting:** Prevents damage to sensitive components by restricting the flow of electricity. 2. **Braking Resistor:** Often used in motor control circuits to dissipate kinetic energy as heat. 3. **Voltage Division:** Works within a network to provide specific reference voltages. 4. **Load Simulation:** Used in testing power supplies to simulate a real-world electrical load. ### 4. Application Areas * **Automotive:** Engine control units (ECUs) and lighting systems. * **Industrial:** Power Inverters, UPS systems, and motor drives. * **Audio:** Crossover networks in high-fidelity speakers. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum power dissipation of the ATE-R15 when used without a heat sink?
    • ⤷ Is the ATE-R15 inductive or non-inductive by design?
    • ⤷ What are the common alternatives to the ATE-R15 for high-vibration environments?