データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ATE-R7

  • AI
    The **ATE-R7** typically refers to a high-performance **Automatic Test Equipment (ATE)** controller or a specific industrial test module used in semiconductor and PCB testing environments. These systems are designed to automate the evaluation of electronic components, ensuring they meet functional specifications. --- ### 1. Core Electronic Subsystems The ATE-R7 architecture is comprised of several critical hardware layers designed for high-speed data acquisition and signal integrity. | Component Group | Key Elements | Function | | :--- | :--- | :--- | | **Control Logic** | FPGA / High-speed MCU | Coordinates timing, triggers, and data flow between the DUT and the system. | | **Signal Conditioning** | Op-Amps, Filters, Attenuators | Prepares raw signals from the Device Under Test (DUT) for digitization. | | **I/O Interface** | GPIO, PCIe, or Ethernet | Facilitates communication between the tester hardware and the host PC. | | **Power Management** | LDOs, DC-DC Converters | Provides stable, low-noise power rails for sensitive analog circuits. | --- ### 2. Functional Electronic Blocks To perform its diagnostic duties, the ATE-R7 utilizes specific electronic circuits: #### A. Digital Pin Electronics (PE) This section contains the drivers and comparators. * **Drivers:** Send high/low logic levels to the DUT. * **Comparators:** Monitor the output of the DUT and compare it against expected voltage thresholds ($V_{OH}$, $V_{OL}$). #### B. Parametric Measurement Unit (PMU) The PMU is the "multimeter" of the system. It can: * **Force Voltage / Measure Current (FVMI):** Used to detect shorts or leakage. * **Force Current / Measure Voltage (FIMV):** Used to check continuity and diode drops. #### C. Relays and Switching Matrix High-quality **Reed Relays** or **Solid State Relays (SSR)** are used to route signals from different test points to the measurement instruments without introducing significant impedance or noise. --- ### 3. Technical Specifications (General Profile) While specific versions may vary by manufacturer, most R7-class ATE systems follow these electronic standards: ```yaml System_Specs: Logic_Levels: 1.2V, 1.8V, 3.3V, 5.0V (Programmable) Clock_Speed: Up to 100MHz+ (Model dependent) Channel_Count: 64 to 512 Pins ADC_Resolution: 16-bit or 24-bit for precision measurements Communication: TCP/IP or Industrial Bus ``` --- ### 4. Common Maintenance Electronic Parts When repairing or maintaining an ATE-R7 unit, the following components are most frequently addressed: 1. **Electrolytic Capacitors:** Often replaced in the power supply stage due to heat aging. 2. **Calibration EEPROMs:** Store the specific offset and gain values for the analog channels. 3. **Protection Diodes:** TVS diodes used at the I/O interface to prevent ESD damage during DUT swapping.
    ✨ Follow-up Questions
    • ⤷ What are the primary differences between the ATE-R7 and the previous R6 series?
    • ⤷ How is the PMU calibrated in this specific test system?
    • ⤷ Which software environments are compatible with the ATE-R7 controller?