データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ATF331M4

  • AI
    The **ATF331M4** is a high-performance, low-noise Pseudomorphic High Electron Mobility Transistor (**pHEMT**) designed primarily for use in the first or second stages of LNB (Low Noise Block) converters for satellite communications. --- ### 1. Key Technical Specifications The device is optimized for the **C-band** and **Ku-band** frequency ranges. Below are the typical performance characteristics: | Parameter | Typical Value | Condition | | :--- | :--- | :--- | | **Frequency Range** | 2 GHz - 18 GHz | Wideband application | | **Noise Figure (NF)** | 0.5 dB | At 12 GHz | | **Associated Gain (Ga)** | 12.0 dB | At 12 GHz | | **Operating Voltage ($V_{ds}$)** | 4.0 V | Recommended | | **Drain Current ($I_{ds}$)** | 60 mA | Maximum rating | | **Package Type** | M4 (Surface Mount) | Plastic micro-X style | --- ### 2. Functional Characteristics The ATF331M4 is favored in RF engineering for several electronic properties: * **Low Noise Figure:** Its primary selling point is the extremely low noise temperature, which is critical for receiving weak satellite signals. * **High Transconductance ($g_m$):** This allows for high gain even at microwave frequencies, reducing the number of amplification stages needed. * **pHEMT Technology:** Unlike standard FETs, the pHEMT structure uses a heterojunction to create a high-mobility electron channel, minimizing internal resistance and thermal noise. --- ### 3. Pin Configuration (M4 Package) The M4 package is a 4-lead plastic package designed for high-frequency grounding. 1. **Lead 1:** Source 2. **Lead 2:** Drain 3. **Lead 3:** Source 4. **Lead 4:** Gate > **Note:** Having two Source leads helps reduce lead inductance, which is vital for maintaining stability and gain at frequencies above 10 GHz. --- ### 4. Common Applications * **Satellite LNBs:** Used in the front-end of DBS (Direct Broadcast Satellite) dishes. * **Radio Astronomy:** Low-noise pre-amplification. * **WLAN/WiMAX:** High-linearity driver stages in wireless infrastructure. * **Point-to-point Radio:** Microwave backhaul links. --- ### 5. Design Considerations When integrating the ATF331M4 into a circuit, pay attention to: * **ESD Sensitivity:** Like most GaAs (Gallium Arsenide) devices, it is highly sensitive to electrostatic discharge. * **Biasing:** It typically requires a negative gate voltage relative to the source for depletion-mode operation. * **Impedance Matching:** Input and output matching networks must be precisely designed using microstrip lines to achieve the advertised Noise Figure.
    ✨ Follow-up Questions
    • ⤷ How does the ATF331M4 noise figure compare to newer Gallium Nitride (GaN) transistors?
    • ⤷ What are the specific biasing circuit requirements for this pHEMT?
    • ⤷ Can you provide a sample microstrip matching layout for the 12GHz range?