データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ATS-01B-96-C2-R0

  • AI
    The **ATS-01B-96-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It is designed for cooling electronic components such as CPUs, GPUs, and power modules. --- ### 1. Technical Specifications The following table highlights the physical and thermal properties of this specific part number: | Parameter | Specification | | :--- | :--- | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Dimensions** | 40mm x 40mm x 30mm | | **Attachment Method** | pushPIN™ | | **Thermal Resistance** | 5.63°C/W (at 100 LFM) | | **Flow Type** | Straight Fin | | **Fire Rating** | UL94-V0 | --- ### 2. Design Breakdown The "electronic parts" of this assembly include the heat sink itself and its mounting hardware: * **Heat Sink Body:** Extruded aluminum designed with high-density fins to increase the surface area for convective cooling. * **pushPIN™ Attachment:** Instead of messy adhesives, this part uses a mechanical spring-loaded pin system. This provides consistent pressure (TIM compression) and allows for secure mounting to a PCB. * **Internal Springs:** Usually made of stainless steel or brass, these provide the necessary tension to ensure the heat sink maintains thermal contact with the chip. * **Thermal Interface Material (TIM):** The "-R0" suffix typically denotes that the unit comes pre-applied with a high-performance thermal pad or phase-change material on the base. --- ### 3. Part Number Nomenclature Understanding the code helps identify the specific configuration: | Segment | Meaning | | :--- | :--- | | **ATS** | Manufacturer (Advanced Thermal Solutions) | | **01B** | Series/Product Family (pushPIN™ type) | | **96** | Specific Fin and Body Geometry | | **C2** | Thermal Performance Grade / Material Coating | | **R0** | RoHS Compliant / Revision code | --- ### 4. Application Use-Case This part is commonly found in: * **Networking Hardware:** Routers and switches where high airflow is present. * **Industrial PCs:** Compact motherboards requiring reliable mechanical mounting. * **Power Supplies:** Cooling MOSFETs or voltage regulators.
    ✨ Follow-up Questions
    • ⤷ What are the compatible PCB hole patterns for the pushPIN™ attachment?
    • ⤷ How does the blue anodized finish affect thermal performance compared to bare aluminum?
    • ⤷ Can this heat sink be used in passive cooling environments without a fan?