データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ATS-01D-142-C2-R0

  • AI
    The part number **ATS-01D-142-C2-R0** refers to a high-performance **Heatsink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **blueICE™** series, specifically designed for high-component density PCBs. --- ### 1. Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) | | **Part Category** | Passive Thermal Management | | **Material** | Aluminum (Anodized Blue) | | **Dimensions (L x W x H)** | 25mm x 25mm x 15mm | | **Thermal Resistance** | 11.84°C/W (at 200 LFM) | | **Attachment Method** | Push-Pin (Plastic) | | **Fin Style** | Straight Fin | --- ### 2. Physical Design & Construction * **Material:** Made from high-grade aluminum. The **C2** in the part number indicates a **Blue Anodized** finish, which provides better surface emissivity and corrosion resistance. * **Fin Configuration:** It features a straight-fin design. This is optimized for uni-directional airflow (common in server chassis or forced-convection enclosures). * **Push-Pin Attachment:** The "R0" suffix usually denotes the revision or specific packaging. This model uses a push-pin mechanism with a brass or plastic spring-loaded pin to provide consistent pressure on the high-heat component (like a BGA or FPGA). --- ### 3. Thermal Performance (Scenarios) Thermal resistance varies based on the Air Velocity (LFM - Linear Feet per Minute): | Airflow (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) | | :--- | :--- | :--- | | 200 | 1.0 | 11.84 | | 400 | 2.0 | 6.67 | | 600 | 3.0 | 5.33 | | 800 | 4.0 | 4.67 | --- ### 4. Applications This specific heatsink is typically used for cooling: * **CPUs/GPUs:** In small form-factor embedded systems. * **FPGAs & ASICs:** High-speed data processing chips. * **Power Modules:** Converters or chipsets that generate significant heat in a 25mm² footprint. --- ### 5. Part Number Decoder (Quick Reference) * **ATS**: Manufacturer (Advanced Thermal Solutions). * **01**: Series type. * **D**: Material/Style variation. * **142**: Physical dimensions/model identifier. * **C2**: Color/Finish (Blue Anodized). * **R0**: Revision or specific packaging standard.
    ✨ Follow-up Questions
    • ⤷What type of Thermal Interface Material (TIM) is recommended for this heatsink?
    • ⤷ Can this heatsink be used in natural convection environments without a fan?
    • ⤷ How do I calculate the correct hole diameter for the push-pin installation?