データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ATS-01D-20-C2-R0

  • AI
    The **ATS-01D-20-C2-R0** is a specific electronic component manufactured by **Advanced Thermal Solutions (ATS)**. It is a high-performance heat sink designed for thermal management of electronic components like CPUs, GPUs, and other integrated circuits. --- ### 1. Technical Specifications The following table outlines the key physical and thermal properties of this part: | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Base Series** | blueICE™ | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Dimensions** | 54.00mm x 54.00mm | | **Height** | 25.00mm | | **Attachment Method** | Push-Pin (Plastic) | | **Thermal Resistance** | ~7.14°C/W (Unducted Flow @ 200 LFM) | --- ### 2. Design and Components The ATS-01D-20-C2-R0 features a specific "Cross-Cut" design that improves its efficiency in various airflow directions. * **Fins:** The heat sink uses high-density fins to maximize surface area for heat dissipation. * **Thermal Interface Material (TIM):** This specific model typically comes with a pre-applied high-performance thermal interface material (T766) on the base to ensure a low thermal resistance connection between the chip and the aluminum. * **Attachment:** It utilizes two **plastic push-pins** and a **compression spring**. This design provides consistent pressure, ensuring optimal contact with the electronic component without over-tightening. --- ### 3. Part Number Decoder Understanding the nomenclature helps identify the exact features: | Segment | Meaning | | :--- | :--- | | **ATS** | Manufacturer Prefix (Advanced Thermal Solutions) | | **01D** | Base Series / Shape Code | | **20** | Height Code (corresponds to 25mm in this specific series) | | **C2** | Performance class and Thermal Interface Material type | | **R0** | RoHS compliance and Revision level | --- ### 4. Application Use-Case This part is generally used in: 1. **Telecommunications:** Cooling of high-speed processors in switches and routers. 2. **Embedded Systems:** Industrial PCs where space is limited but heat generation is high. 3. **Power Supplies:** Cooling MOSFETs or power regulators.
    ✨ Follow-up Questions
    • ⤷ What is the significance of the blue anodized finish on this heat sink?
    • ⤷ How do push-pins compare to adhesive tape for heat sink mounting?
    • ⤷ What are the recommended airflow (LFM) conditions for this model?