データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ATS-04H-40-C2-R0

  • AI
    The **ATS-04H-40-C2-R0** is a high-performance electronic thermal management component, specifically an **Aluminum Heat Sink** from the *pushPIN™* series manufactured by Advanced Thermal Solutions (ATS). Below is the technical breakdown of its electronic and physical specifications. --- ### 1. General Specifications | Feature | Details | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Series** | pushPIN™ | | **Material** | Aluminum (AL6063) | | **Finish** | Blue Anodized | | **Attachment Method** | Push-Pin (Plastic or Brass) | --- ### 2. Thermal Performance Data Thermal resistance is critical for protecting sensitive electronic components (CPUs, GPUs, FPGAs) from overheating. Performance varies based on the Air Velocity (LFM): | Air Velocity (LFM) | Thermal Resistance (°C/W) - Unducted | Thermal Resistance (°C/W) - Ducted | | :--- | :--- | :--- | | 100 (0.5 m/s) | 14.56 | 2.48 | | 200 (1.0 m/s) | 6.63 | 1.99 | | 400 (2.0 m/s) | 3.61 | 1.59 | | 600 (3.0 m/s) | 2.73 | 1.41 | --- ### 3. Physical Dimensions Precision sizing ensures compatibility with standard PCB layouts and electronic packages. * **Size (L x W):** 45mm x 45mm * **Height:** 15mm * **Pitch (Fin spacing):** Fine-Pitch (increases surface area for heat dissipation). * **Hole Pattern:** 38mm x 38mm (Square) --- ### 4. Component Features * **Interface Material:** Pre-assembled with **T766 Phase Change Material (PCM)**. This acts as the thermal bridge between the electronic chip and the heat sink. * **Attachment:** Uses a specialized push-pin mechanism with a high-performance compression spring. This provides consistent pressure across the surface, improving heat transfer. * **Fin Design:** Straight-fin design optimized for airflow in server or industrial computing environments. --- ### 5. Application Code Identification The part number `ATS-04H-40-C2-R0` follows this convention: * **ATS:** Advanced Thermal Solutions. * **04:** Series/Style number. * **H:** High-performance fin density. * **40:** Dimension code. * **C2:** Blue Anodized finish. * **R0:** Revision/Standard version.
    ✨ Follow-up Questions
    • ⤷ What is the difference between T766 thermal material and standard thermal grease?
    • ⤷ How do I choose the correct push-pin material for my PCB?
    • ⤷ Is this heat sink suitable for natural convection environments without fans?