データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ATS-06F-25-C2-R0

  • AI
    The **ATS-06F-25-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or failure. --- ### Technical Specifications | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions Inc. | | **Series** | pushPIN™ | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Attachment Method** | Push-Pin (Spring-loaded) | | **Dimensions (L x W x H)** | 60mm x 60mm x 25mm | | **Thermal Resistance** | 6.26°C/W (Unducted Flow @ 100 LFM) | | **Fin Pattern** | Fine Pitch (Cross-Cut) | --- ### Key Electronic & Mechanical Features #### 1. Push-Pin Attachment Mechanism Unlike adhesive-based heat sinks, the "pushPIN" system uses a flexible, spring-loaded mechanism. * **Reliability:** Provides consistent pressure across the interface. * **Pre-Drilled Holes:** Requires specific hole patterns on the PCB for mounting. #### 2. Fine-Pitch Fin Design The "F" in the part number indicates a **Fine-Pitch** fin geometry. * **High Surface Area:** The cross-cut fin design maximizes the surface area available for air-to-solid contact. * **Airflow Efficiency:** Designed specifically for forced air (fan-cooled) environments to reduce the "pressure drop" across the heat sink. #### 3. Material and Finish * **Aluminum 6063:** Chosen for its high thermal conductivity and lightweight properties. * **Blue Anodized Coating:** Provides corrosion resistance and increases surface emissivity (the ability to radiate heat). #### 4. Thermal Interface Material (TIM) The part typically comes with **pre-applied Phase Change Material (PCM)** or high-performance thermal grease. This fills the microscopic air gaps between the heat sink base and the electronic component, significantly reducing thermal resistance. --- ### Application Scenarios * **High-Power Semiconductors:** Used on MOSFETs and IGBTs in power supply units. * **Embedded Systems:** Ideal for cooling processors in industrial PC applications. * **Telecommunications:** Used in routers and switches where vertical height (25mm) is permissible.
    ✨ Follow-up Questions
    • ⤷ What is the exact PCB hole pattern required for the ATS-06F-25-C2-R0?
    • ⤷ How does 'Ducted' vs 'Unducted' airflow affect its thermal resistance?
    • ⤷ What are the compatible spring types for this specific push-pin model?