データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ATS-06F-53-C2-R0

  • AI
    The **ATS-06F-53-C2-R0** is a specific high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "push-pin" series designed for cooling electronic components such as CPUs, GPUs, and high-power chipsets. --- ### 1. Technical Specifications Below are the primary physical and thermal characteristics of this component: | Feature | Specification | | :--- | :--- | | **Material** | Aluminum (AL6063) | | **Finish** | Blue Anodized | | **Attachment Method** | Push-Pin (Plastic) with Spring | | **Dimensions (L x W x H)** | 36.83mm x 36.83mm x 27.94mm | | **Thermal Resistance** | 8.57°C/W (at 200 LFM) | | **Fin Style** | Straight Fin | | **Thermal Interface Material (TIM)** | T766 (Pre-applied) | --- ### 2. Component Breakdown #### A. The Heat Sink Body The body is made of **Aluminum 6063**, which is the industry standard for thermal management due to its excellent balance of thermal conductivity and weight. The **Blue Anodized** finish is not just for aesthetics; it provides surface protection against corrosion and increases surface emissivity, which slightly improves heat radiation. #### B. Attachment Mechanism (Push-Pin) Unlike adhesive-based heat sinks, the "06F" designation indicates it uses a **Plastic Push-Pin** system. - **Spring Loading:** The pins are accompanied by springs that provide a consistent "clamping force" on the processor. This ensures maximum contact between the chip and the heat sink. - **Reliability:** Push-pins are preferred in high-vibration environments compared to thermal tape, which can dry out and fail over time. #### C. Thermal Interface Material (TIM) The part number suffix indicates it comes with **T766** pre-applied to the base. - This is a high-performance phase-change material or grease that fills the microscopic air gaps between the component and the heat sink. - Pre-application ensures a uniform layer, reducing the risk of air pockets that cause overheating. --- ### 3. Usage Scenarios This specific model is commonly used in: * **Networking Hardware:** Routers, switches, and firewalls. * **Embedded Systems:** Industrial PCs and automation controllers. * **Power Electronics:** Cooling MOSFETs or power regulators in DC-DC converters. --- ### 4. Part Number Decoder Understanding the "ATS" naming convention helps in identifying the exact variant: | Segment | Meaning | | :--- | :--- | | **ATS** | Manufacturer (Advanced Thermal Solutions) | | **06** | Product Series (Push-Pin type) | | **F** | Plastic Pin Material (vs. Brass) | | **53** | Dimension/Geometry code | | **C2** | Thermal Performance/Material Grade | | **R0** | RoHS Compliant version |
    ✨ Follow-up Questions
    • ⤷ What are the PCB hole requirements for the ATS-06F push-pin mounting?
    • ⤷ How does the thermal resistance of this model change at different airflow speeds (LFM)?
    • ⤷ Is there a version of this heat sink with a different height or fin type?