データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ATS-07D-203-C2-R0

  • AI
    The **ATS-07D-203-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "pushPIN™" component line, designed specifically for thermal management of electronic components like CPUs, GPUs, and other integrated circuits. --- ## 1. Technical Specifications The following table outlines the physical and thermal properties of this specific part number: | Specification | Details | | :--- | :--- | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Attachment Method** | pushPIN™ (Plastic Pins & Springs) | | **Thermal Resistance (Flowing)** | 8.93 °C/W (@ 100 LFM) | | **Thermal Resistance (Static)** | 2.32 °C/W (@ 700 LFM) | | **Dimensions (L x W x H)** | 54.00mm x 54.00mm x 10.00mm | | **Pitch** | 47.00mm | | **TIM (Thermal Interface Material)** | T766 (Pre-applied Phase Change) | --- ## 2. Key Components & Features The "electronic" functionality of this part is passive, meaning it does not consume electricity but is critical for the survival of active electronics. ### A. The Heat Sink Body * **Material:** Made from high-grade aluminum for optimal thermal conductivity. * **Fin Design:** It utilizes a **Fine Pitch** pattern, which increases the surface area for heat dissipation in environments with forced airflow (fans). ### B. The pushPIN™ Attachment * This is the mounting mechanism consisting of a plastic pin and a compression spring. * **Benefit:** It provides a precise "compression force" (calculated at the factory) to ensure the heat sink is pressed firmly against the electronic chip without cracking the silicon. ### C. Thermal Interface Material (TIM) * The base comes pre-applied with **T766**. * **Function:** It fills microscopic air gaps between the chip surface and the heat sink base to maximize heat transfer efficiency. --- ## 3. Part Number Breakdown (Nomenclature) Understanding the name helps identify the specific variant: | Segment | Meaning | | :--- | :--- | | **ATS** | Manufacturer: Advanced Thermal Solutions | | **07** | Series number | | **D** | Attachment type (Plastic pushPIN) | | **203** | Size and Fin configuration code | | **C2** | Thermal Performance Level / Material Grade | | **R0** | RoHS Compliant / Revision code | --- ## 4. Typical Applications This part is commonly used in the following electronic systems: * **Network Switches/Routers:** Cooling ASICs and processors. * **Embedded Systems:** Industrial PCs where height is restricted (10mm low profile). * **Power Supplies:** Dissipating heat from MOSFETs or voltage regulators.
    ✨ Follow-up Questions
    • ⤷ What are the alternative mounting options if pushPIN is not suitable for my PCB?
    • ⤷ How does the T766 TIM compare to standard thermal grease in terms of longevity?
    • ⤷ Can this heat sink be used in a natural convection environment without a fan?