データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ATS-07F-60-C2-R0

  • AI
    The **ATS-07F-60-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure. --- ## 1. Technical Specifications The part number follows a specific nomenclature used by ATS to define the physical and thermal properties of the component. | Specification | Detail | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Series** | pushPIN™ Heat Sink | | **Thermal Resistance** | 6.36°C/W (at 100 LFM) to 1.45°C/W (at 700 LFM) | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Attachment Method** | pushPIN™ (Plastic Pins & Springs) | | **Thermal Interface Material (TIM)** | T766 (Pre-applied) | --- ## 2. Dimensions & Geometry The geometry of the heat sink determines its surface area and how effectively it can transfer heat to the surrounding air. * **Size (L x W):** 40mm x 40mm * **Height:** 25mm * **Fin Pattern:** Square Pin Fin (This design allows for omnidirectional airflow, meaning air can enter from any side effectively). * **Pitch:** Fine Pitch (Higher density of fins for better heat dissipation in forced air environments). --- ## 3. Key Electronic Functions ### A. Thermal Dissipation The primary role is to lower the junction temperature ($T_j$) of a semiconductor. By increasing the surface area exposed to the air, the heat sink facilitates **convection**. ### B. Mechanical Mounting (pushPIN™) Unlike adhesive-based heat sinks, the **-R0** version uses a mechanical push-pin system. 1. **Pressure:** The springs provide consistent pressure against the component, ensuring the Thermal Interface Material (TIM) fills all microscopic gaps. 2. **Stability:** It is more vibration-resistant than tape, making it suitable for industrial or automotive electronics. ### C. Thermal Interface Material (T766) The unit comes with **T766** pre-applied. This is a phase-change or high-performance grease that reduces the thermal resistance between the heat source and the aluminum base. --- ## 4. Part Number Breakdown ```text ATS - 07 F - 60 - C2 - R0 | | | | | | | | | +-- Revision/Package Code | | | +------- Color/Finish (C2 = Blue Anodized) | | +------------ Performance/Size Code (60) | +------------------ Fin Type (F = Fine Pitch) +------------------------ Brand (Advanced Thermal Solutions) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum power dissipation (Watts) this heat sink can handle for a 40°C rise?
    • ⤷ How does the pushPIN mounting system compare to adhesive thermal tape?
    • ⤷ Is this heat sink suitable for passive cooling
    • ⤷ or does it require a fan?