データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ATS-07H-63-C2-R0

  • AI
    The **ATS-07H-63-C2-R0** is a specific model of a **High-Performance Heat Sink** manufactured by Advanced Thermal Solutions, Inc. (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure. --- ### 1. Technical Specifications The part number provides specific information about the dimensions, material, and thermal performance of the component. | Specification | Detail | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) | | **Series** | pushPIN™ | | **Dimensions (L x W x H)** | 40mm x 40mm x 20mm | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Attachment Method** | pushPIN™ (Spring-loaded bolts) | | **Thermal Resistance** | 12.32°C/W (Unducted Flow @ 100 LFM) | --- ### 2. Key Electronic Features #### A. Thermal Interface Material (TIM) The "R0" suffix indicates that the unit comes pre-applied with a **Thermal Interface Material**. This is a phase-change material or grease that fills microscopic air gaps between the heat sink and the electronic chip, ensuring maximum heat transfer. #### B. pushPIN™ Attachment Mechanism Unlike adhesive-based heat sinks, this model uses a mechanical fastening system: - **Compression Springs:** Provides precise, uniform pressure across the component. - **Hardware:** Includes brass or plastic pins that snap into pre-drilled holes on the PCB. - **Reliability:** Protects the electronic part from shifting during vibration or mechanical shock. #### C. Fin Design (Cross-Cut) The heat sink features a **straight-fin or cross-cut design**. This layout allows for multi-directional airflow, making it effective in compact electronic enclosures where the direction of the cooling fan's air might be inconsistent. --- ### 3. Application Use Cases This specific size (40mm) is commonly used for: * **Networking Equipment:** Routers, switches, and modems. * **Embedded Systems:** Industrial PC processors or high-load microcontrollers. * **Power Electronics:** Large MOSFETs or Voltage Regulators (VRMs). ---
    ✨ Follow-up Questions
    • ⤷ What are the alternative attachment methods to pushPIN for this size of heat sink?
    • ⤷ How do I calculate if the 12.32°C/W thermal resistance is sufficient for my chip?
    • ⤷ Does the blue anodized finish provide any electrical insulation?