データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ATS-08D-06-C2-R0

  • AI
    The **ATS-08D-06-C2-R0** is a high-performance electronic thermal management component, specifically a **Heatsink** designed by Advanced Thermal Solutions (ATS). It belongs to the *push-pin* attachment family, commonly used for cooling Integrated Circuits (ICs) such as CPUs, GPUs, and FPGAs. --- ### 1. Technical Specifications The following table summarizes the key physical and thermal properties of this component: | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions Inc. | | **Part Number** | ATS-08D-06-C2-R0 | | **Material** | Aluminum (AL6063) | | **Finish** | Blue Anodized | | **Dimensions (L x W x H)** | 40mm x 40mm x 25mm | | **Attachment Method** | Push-Pin (Plastic/Brass) | | **Thermal Interface Material** | T766 (Pre-applied) | | **Fin Style** | Straight Fin | --- ### 2. Key Electronic Functions This part serves several critical roles in an electronic assembly: * **Thermal Dissipation:** It increases the surface area of a heat-generating component (like a processor), allowing heat to transfer more efficiently into the surrounding air. * **Active/Passive Hybrid Cooling:** While it can work in a passive environment, the 25mm height and straight fin design are optimized for use with **forced air (fans)** to maximize heat transfer. * **Electronic Stability:** By keeping the junction temperature of a semiconductor within its specified range, it prevents "thermal throttling" and extends the lifespan of the electronic circuit. --- ### 3. Attachment & Thermal Interface The **-C2** designation in the part number typically refers to the specific thermal performance and interface material: * **Push-Pin Mechanism:** It uses a spring-loaded push-pin assembly. This provides consistent pressure across the surface of the chip, which is vital for maintaining a low thermal resistance. * **T766 TIM:** The heatsink comes with a pre-applied **Thermal Interface Material (TIM)**. This fills microscopic air gaps between the chip and the aluminum base, ensuring better heat conductivity. --- ### 4. Thermal Resistance Performance Performance varies based on the airflow (measured in Linear Feet per Minute - LFM): * **Low Airflow (200 LFM):** Higher thermal resistance (approx. 5.5 - 6.0 °C/W). * **High Airflow (600+ LFM):** Lower thermal resistance (approx. 2.0 - 2.5 °C/W), allowing for much higher power dissipation.
    ✨ Follow-up Questions
    • ⤷ What are the specific advantages of using push-pins over adhesive tapes for heatsinks?
    • ⤷ How does the 'Blue Anodized' finish affect thermal performance?
    • ⤷ Is the ATS-08D-06-C2-R0 suitable for high-vibration environments?