データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ATS-08F-151-C1-R0

  • AI
    The **ATS-08F-151-C1-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) push-pin heat sink**. It is designed for cooling electronic components such as integrated circuits (ICs), microprocessors, and power modules. --- ## 1. Technical Specifications Below are the key electronic and physical parameters of the part: | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Material** | Aluminum (Blue Anodized) | | **Attachment Method** | Push-Pin (Plastic) with Spring | | **Thermal Resistance** | ~4.07°C/W (at 200 LFM) | | **Dimensions** | 35mm x 35mm x 20mm | | **TIM (Interface Material)** | Pre-applied T766 Phase Change Material | | **Fin Style** | Straight Fin | --- ## 2. Key Component Features ### A. Material and Coating * **Aluminum 6063:** Chosen for its high thermal conductivity and lightweight properties. * **Blue Anodization:** Not just for aesthetics; the anodized layer provides electrical insulation and improves radiant heat transfer. ### B. Attachment Mechanism (The "Push-Pin") This part utilizes a **Push-pin and Spring** assembly. * **Purpose:** Ensures consistent pressure between the heat sink and the electronic chip. * **Benefit:** This prevents "tilting" of the heat sink, which could lead to air gaps and thermal hotspots on the component. ### C. Thermal Interface Material (TIM) The "C1" in the part number indicates it comes with **T766 phase change material**. * This material is solid at room temperature but softens as the electronics heat up, filling microscopic air gaps between the heat sink and the chip to maximize heat conduction. --- ## 3. Electronic Application & Performance The primary function of this part is to dissipate heat generated by the **Joule heating effect** in semiconductors. ### Thermal Resistance Curve (Typical) The effectiveness of the ATS-08F-151-C1-R0 depends heavily on the airflow (Linear Feet per Minute - LFM): | Airflow (LFM) | Thermal Resistance (°C/W) | | :--- | :--- | | 200 (1.0 m/s) | 4.07 | | 400 (2.0 m/s) | 2.50 | | 600 (3.0 m/s) | 1.80 | ### Common Use Cases * **BGA Packages:** High-speed Field Programmable Gate Arrays (FPGAs). * **Voltage Regulator Modules (VRMs):** Managing heat in power conversion circuits. * **Network Switches:** Cooling processors in high-density rack environments. --- ## 4. Part Number Breakdown * **ATS:** Advanced Thermal Solutions (Manufacturer). * **08:** Product Series. * **F:** Fin configuration/style. * **151:** Dimensional code (35mm x 35mm base). * **C1:** Thermal Interface Material (T766 Phase Change). * **R0:** Revision/Packaging code.
    ✨ Follow-up Questions
    • ⤷ How do I calculate if the 4.07°C/W thermal resistance is sufficient for my specific IC?
    • ⤷ What are the PCB hole diameter requirements for the push-pin mounting?
    • ⤷ Can this heat sink be used without active airflow (passive cooling)?