データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ATS-08F-47-C3-R0

  • AI
    The **ATS-08F-47-C3-R0** is a specific electronic component manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the **pushPIN™** series of high-performance heat sinks designed for cooling integrated circuits (ICs) and other electronic components. --- ## 1. Technical Specifications The part number follows a specific nomenclature that defines its physical and thermal characteristics. | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Series** | pushPIN™ | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Attachment Method** | Push-Pin (Plastic) | | **Dimensions (L x W x H)** | 25mm x 25mm x 30mm | | **Thermal Resistance** | ~9.0°C/W (at 100 LFM) | | **Fin Style** | Straight Fin | --- ## 2. Component Features * **Thermal Performance:** Designed to dissipate heat from high-power components such as CPUs, GPUs, or FPGAs. The 30mm height provides a larger surface area for heat exchange. * **Push-Pin Mounting:** Uses a spring-loaded push-pin mechanism. This ensures consistent pressure on the component (TIM - Thermal Interface Material) and allows for quick, tool-less installation on the PCB. * **Pre-Applied TIM:** These units typically come with a pre-applied high-performance thermal interface material (T-Series), ensuring optimal heat transfer from the chip to the aluminum sink. * **Durability:** The blue anodized finish provides corrosion resistance and increased emissivity. --- ## 3. Physical Layout (Dimensions) The "47" in the part number corresponds to a specific configuration of the ATS library. ### Dimension Breakdown * **Length:** 25.00 mm * **Width:** 25.00 mm * **Height (Fin):** 30.00 mm * **Pitch (Hole to Hole):** Approx. 30mm (Variable based on PCB layout) --- ## 4. Part Number Decoder Understanding the "ATS-08F-47-C3-R0" syntax: | Segment | Meaning | | :--- | :--- | | **ATS** | Manufacturer (Advanced Thermal Solutions) | | **08** | Series Identifier | | **F** | Fin style (F = Fine/Straight Fin) | | **47** | Dimensional code (25x25mm base) | | **C3** | Material/Finish/Pin Type (Plastic Pin / Blue Anodize) | | **R0** | Revision code | ---
    ✨ Follow-up Questions
    • ⤷ What are the compatible PCB hole sizes for the push-pin mounting?
    • ⤷ How does the air flow rate affect the thermal resistance of this heat sink?
    • ⤷ Can this heat sink be used with metal screws instead of plastic push-pins?