データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ATS-08F-80-C2-R0

  • AI
    The **ATS-08F-80-C2-R0** is a high-performance electronic thermal management component. Specifically, it is a **push-pin style heatsink** designed by Advanced Thermal Solutions (ATS) for cooling integrated circuits (ICs) and other electronic components. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions Inc. | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Attachment Method** | Push-Pin (Plastic/Brass) | | **Thermal Resistance** | 7.03°C/W (at 200 LFM) | | **Dimensions (L x W x H)** | 30.00mm x 30.00mm x 25.00mm | | **Fin Style** | XCUT (Straight Fins with Cross-Cuts) | --- ### 2. Detailed Component Analysis #### A. The XCUT Fin Design The "XCUT" geometry refers to a straight-fin design that has been cross-cut. This is critical in electronics for two reasons: * **Omnidirectional Airflow:** It allows air to enter the fin array from multiple directions, making it less sensitive to the orientation of the cooling fan. * **Turbulence Generation:** The gaps in the fins create turbulence, which breaks up the "boundary layer" of air and improves heat transfer efficiency. #### B. The Push-Pin Attachment Mechanism Instead of using messy thermal adhesives or tapes, this part uses a **Push-Pin and Spring** system. 1. **Spring Tension:** Provides a consistent "preload" force on the chip, ensuring a tight interface between the heat source and the heatsink. 2. **Reliability:** It is more resistant to mechanical shock and vibration compared to adhesive tapes. 3. **Repairability:** It allows the heatsink to be removed and re-applied during maintenance without damaging the PCB. #### C. Thermal Interface Material (TIM) The part number suffix typically indicates that it comes with a pre-applied high-performance thermal interface material (like a phase-change material or thermal pad). This fills the microscopic air gaps between the CPU/GPU and the aluminum base. --- ### 3. Part Number Breakdown (Typical ATS Logic) | Segment | Meaning | | :--- | :--- | | **ATS-08** | Product Series / Push-Pin Series | | **F** | Fin Pitch / Density | | **80** | Specific Fin height or geometry code | | **C2** | Color/Finish (Blue Anodized) | | **R0** | Revision or specific packaging code | --- ### 4. Applications * **Networking Gear:** Switches and routers where airflow is constant but space is limited. * **Embedded Systems:** Industrial PCs where mechanical stability (vibration resistance) is required. * **Power Supplies:** Cooling voltage regulators or MOSFETs.
    ✨ Follow-up Questions
    • ⤷ How do I calculate the correct hole diameter on a PCB for these push-pins?
    • ⤷ What is the difference between the C1 and C2 finish codes for this part?
    • ⤷ Can this heatsink be used with a custom fan attachment?