データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ATS-12F-72-C2-R0

  • AI
    ## Technical Overview of ATS-12F-72-C2-R0 The **ATS-12F-72-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) push-pin heat sink**. It is designed to dissipate heat from surface-mount components like BGA (Ball Grid Array) chips or CPUs. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Series** | pushPIN™ | | **Attachment Type** | Push-Pin (with Compression Springs) | | **Material** | Aluminum (Blue Anodized Finish) | | **Dimensions** | 45mm x 45mm x 35mm (Height) | | **Thermal Resistance** | 0.98°C/W (at 200 LFM) | | **Fin Pattern** | Straight Fin | --- ### 2. Component Breakdown #### A. The Heat Sink (Thermal Conduction) * **Material:** Constructed from high-grade aluminum for excellent thermal conductivity. * **Fin Profile:** Features a "Straight Fin" design. This allows for maximum airflow through the sink, which is ideal for systems with high-velocity forced air. * **Finish:** The **Blue Anodized** finish is not just aesthetic; it provides surface protection and slightly improves emissivity. #### B. The Attachment Mechanism (Push-Pin) * **Hardware:** Uses a plastic push-pin with a stainless steel compression spring. * **Benefit:** This provides a secure, consistent mounting pressure. The spring compensates for thermal expansion and contraction, preventing mechanical stress on the PCB. * **Hole Pattern:** Requires pre-drilled holes in the PCB for installation. #### C. Thermal Interface Material (TIM) * **Pre-Applied:** The "R0" suffix typically denotes that the heat sink comes with **T766** phase-change thermal interface material pre-applied to the base. * **Function:** This material fills microscopic air gaps between the component and the heat sink to minimize thermal resistance. --- ### 3. Part Number Decoding The part number provides a map of the component's physical traits: | Part Segment | Meaning | | :--- | :--- | | **ATS-12F** | Series designation (pushPIN™ Straight Fin) | | **72** | Specific height/fin configuration | | **C2** | Color/Finish (Blue Anodized) | | **R0** | Thermal Interface Material (T766) | --- ### 4. Application Use Cases * **Computing:** High-speed processors and chipsets. * **Telecommunications:** Network switches and routers. * **Industrial:** Power modules and high-heat motor controllers. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact hole-to-hole spacing required for this heat sink?
    • ⤷ How does 'LFM' (Linear Feet per Minute) affect the thermal resistance of this part?
    • ⤷ Can the push-pin hardware be replaced with screws?