データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ATS-15F-79-C2-R0

  • AI
    ## Technical Overview: ATS-15F-79-C2-R0 The **ATS-15F-79-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** from the *pushPIN™* series manufactured by **Advanced Thermal Solutions (ATS)**. ### 1. General Specifications This part is designed for surface-mount components, providing targeted cooling for processors, FPGAs, or other integrated circuits. | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Part Number** | ATS-15F-79-C2-R0 | | **Attachment Type** | pushPIN™ (Brass Spring-Loaded) | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Thermal Resistance** | 26.32 °C/W (Unducted @ 100 LFM) | --- ### 2. Physical Dimensions Precision in dimensions is critical for PCB layout and clearance from adjacent components. | Dimension | Value (mm) | | :--- | :--- | | **Length (A)** | 25.00 mm | | **Width (B)** | 25.00 mm | | **Height (C)** | 10.00 mm | | **Hole Spacing (E)** | 30.00 mm | | **Hole Spacing (F)** | 30.00 mm | --- ### 3. Electronic & Thermal Performance The efficiency of this heat sink depends on the airflow (Linear Feet per Minute - LFM) within the electronic enclosure. | Airflow (LFM) | Velocity (m/s) | Thermal Resistance (Unducted) | Thermal Resistance (Ducted) | | :--- | :--- | :--- | :--- | | 100 | 0.5 | 26.32 °C/W | 5.73 °C/W | | 300 | 1.5 | 10.75 °C/W | 3.20 °C/W | | 500 | 2.5 | 7.53 °C/W | 2.54 °C/W | --- ### 4. Key Electronic Features * **Push-Pin Mounting:** Uses a flexible attachment system that provides a secure fit while allowing for thermal expansion and vibration resistance. * **Thermal Interface Material (TIM):** This specific model typically comes pre-applied with **T766** (a high-performance thermal grease) to ensure maximum heat transfer between the chip and the aluminum fins. * **Fine Pitch Fin Design:** The "C2" variant features a specific fin density designed to balance pressure drop and cooling efficiency in restricted spaces. * **Material Grade:** Made from AL6063 aluminum, which is the industry standard for high thermal conductivity in electronic applications. --- ### 5. Application Example ```python # Pseudo-calculation for Component Safety def check_thermal_safety(pwr_dissipation_watts, ambient_temp): thermal_resistance = 7.53 # @ 500 LFM junction_temp = ambient_temp + (pwr_dissipation_watts * thermal_resistance) if junction_temp < 85: # standard safety threshold return "Safe Operating Temperature" else: return "Requires Increased Airflow" # Example: 5W chip at 40°C ambient print(check_thermal_safety(5, 40)) ```
    ✨ Follow-up Questions
    • ⤷ What are the differences between the C1
    • ⤷ C2
    • ⤷ and C3 variants of this heat sink?
    • ⤷ How do I calculate the required airflow for this specific part number?
    • ⤷ Can this heat sink be used with adhesive tape instead of push-pins?