データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ATS-20F-83-C2-R0

  • AI
    The **ATS-20F-83-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure. --- ## 1. Technical Specifications The following table outlines the physical and thermal characteristics of this specific part number: | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Material** | Aluminum (Blue Anodized) | | **Attachment Method** | Push-Pin (2-Pin) | | **Dimension (L x W x H)** | 30mm x 30mm x 20mm | | **Fin Style** | Straight Fin | | **Thermal Resistance** | 5.06°C/W (at 200 LFM) | | **Spring Type** | Compression Spring | --- ## 2. Part Number Breakdown The part number follows a specific nomenclature used by ATS to identify the product's features: * **ATS**: Manufacturer (Advanced Thermal Solutions). * **20**: Series type (often relates to attachment or material family). * **F**: Material/Finish (Aluminum alloy). * **83**: specific dimension code for the 30mm x 30mm footprint. * **C2**: Refers to the thermal performance level and blue anodized finish. * **R0**: Indicates the revision level or specific packaging requirement. --- ## 3. Key Electronic Functions While the heat sink itself does not consume electricity, it is critical for the "Health and Safety" of electronic circuits: ### Heat Dissipation It utilizes a **Push-Pin** mounting system with a compression spring. This ensures a precise and consistent pressure between the heat sink and the electronic component, which optimizes the thermal interface and prevents the part from shifting under vibration. ### Airflow Optimization The **Straight Fin** design is engineered for "Open Air" environments. It allows air to pass through the channels easily, making it highly effective when paired with a nearby cooling fan or within a chassis with high airflow. ### Surface Treatment The **Blue Anodized** coating is not just for aesthetics; it provides: 1. **Increased Surface Emissivity:** Improves radiation cooling. 2. **Corrosion Resistance:** Protects the aluminum from oxidation. 3. **Electrical Insulation:** Provides a non-conductive surface to prevent shorts if a component touches the fins. --- ## 4. Usage Example (Pseudo-Code Interface) Thermal engineers often model the performance of this part in simulation software before physical application: ```python # Theoretical thermal calculation for ATS-20F-83-C2-R0 def calculate_case_temp(ambient_temp, power_watts, thermal_resistance): """ T_case = T_ambient + (Power * Resistance) """ case_temp = ambient_temp + (power_watts * thermal_resistance) return case_temp # Usage: 30°C Ambient, 5W Heat Load, 5.06 °C/W Resistance result = calculate_case_temp(30, 5, 5.06) print(f"Predicted Component Temperature: {result}°C") ```
    ✨ Follow-up Questions
    • ⤷ What are the alternative attachment methods to Push-Pins for this series?
    • ⤷ How does the 'C2' blue anodized finish compare to 'C1' or 'C3'?
    • ⤷ Is this heat sink compatible with standard 30mm cooling fans?