データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ATS-51170K-C2-R0

  • AI
    The **ATS-51170K-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "maxiFLOW™" series, specifically designed for cooling electronic components such as processors, FPGAs, and ASICs in high-air velocity environments. --- ### 1. Technical Specifications The following table summarizes the key physical and thermal characteristics of the component: | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Part Number** | ATS-51170K-C2-R0 | | **Heat Sink Type** | maxiFLOW™ (Flared Fin) | | **Material** | Aluminum (Anodized Blue) | | **Attachment Method** | maxiGRIP™ (Frame Clip) | | **Dimensions (L x W x H)** | 17.0mm x 17.0mm x 14.5mm | | **Thermal Resistance** | 10.10 °C/W (@ 200 LFM) | | **Pressure Drop** | 0.28 (in-H2O) | --- ### 2. Key Components & Design Features #### A. Flared Fin Design (maxiFLOW™) Unlike standard straight-fin heat sinks, the maxiFLOW design features fins that flare outward. This increases the surface area for heat dissipation and maximizes air intake, making it highly efficient for constrained spaces with forced air cooling. #### B. maxiGRIP™ Attachment System This part uses a specialized mechanical attachment system rather than thermal adhesive. It consists of: * **Plastic Frame Clip:** A high-strength clip that snaps around the electronic component. * **Steady Spring:** A gold-plated "X-shaped" spring that applies constant, even pressure across the thermal interface. * **Advantage:** This allows for easy removal and re-attachment without damaging the PCB or the chip. #### C. Thermal Interface Material (TIM) The "C2" in the part number typically indicates that the heat sink comes pre-applied with a thermal interface material (like **Saint-Gobain Phase Change Material**), which ensures optimal heat transfer between the electronic chip and the aluminum base. --- ### 3. Electronic Applications This specific heat sink size (17mm) is commonly used for: 1. **Network Switches:** Cooling high-speed processing chips. 2. **Embedded Systems:** Industrial PCs where space is limited but heat generation is high. 3. **Power Converters:** Managing heat in localized DC-DC converters. 4. **FPGA/BGA Packages:** Providing thermal management for small-footprint ball grid array (BGA) components. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the maxiGRIP and push-pin attachment methods?
    • ⤷ How does the thermal resistance change at higher air velocities (e.g.
    • ⤷ 600 LFM)?
    • ⤷ Is this heat sink compatible with standard 17x17mm BGA packages?