データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ATS-53375R-C2-R0

  • AI
    ## Overview of the ATS-53375R-C2-R0 The **ATS-53375R-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is specifically designed as a thermal management solution for electronic components, such as BGAs (Ball Grid Arrays), CPUs, or GPUs that require efficient heat dissipation in confined spaces. --- ### Technical Specifications The following table outlines the physical and thermal properties of this specific part number: | Property | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Series** | maxiFLOW™ | | **Attachment Method** | maxiGRIP™ (Spring clip) | | **Fin Style** | Straight Fin | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Dimensions (L x W x H)** | 37.00mm x 37.00mm x 19.50mm | | **Thermal Resistance** | ~2.60° C/W (at 200 LFM) | --- ### Key Electronic & Mechanical Components #### 1. The Heat Sink Body The main body is constructed from **extruded aluminum**. Aluminum is chosen for its excellent thermal conductivity-to-weight ratio. The "Straight Fin" design is optimized for high-performance air cooling, allowing air to flow through the fins and carry away heat from the semiconductor die. #### 2. maxiGRIP™ Attachment System This is a critical mechanical part of the assembly. It consists of: * **Plastic Frame Clip:** A high-strength clip that snaps around the electronic component. * **Steady-State Spring:** A stainless steel "C-clip" that applies constant pressure, ensuring a secure thermal interface between the heat sink and the chip without requiring holes in the PCB. #### 3. Thermal Interface Material (TIM) The "R0" at the end of the part number typically signifies the type of **Thermal Interface Material** pre-applied to the base. * **Purpose:** To fill microscopic air gaps between the chip surface and the heat sink base. * **Material:** Usually a high-conductivity phase-change material or thermal pad. --- ### Use Cases in Electronics The ATS-53375R-C2-R0 is commonly used in: * **Networking Hardware:** Routers, switches, and base stations. * **Telecommunications:** Signal processing units. * **Industrial Computing:** Embedded systems where high-reliability cooling is required without mechanical fasteners (screws). ---
    ✨ Follow-up Questions
    • ⤷ What are the advantages of the maxiGRIP attachment over traditional adhesive tapes?
    • ⤷ How do I calculate if the 2.60° C/W thermal resistance is sufficient for my specific chip?
    • ⤷ What is the difference between the R0 and other suffixes in ATS part numbers?