ATS-H1-10-C2-R0
AI

The **ATS-H1-10-C2-R0** is a high-performance electronic thermal management component, specifically a **Pin Fin Heat Sink** manufactured by Advanced Thermal Solutions (ATS).
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of the part:
| Characteristic | Specification |
| :--- | :--- |
| **Material** | Aluminum (Al) |
| **Finish** | Blue Anodized |
| **Footprint (Length x Width)** | 45mm x 45mm |
| **Height** | 25mm |
| **Fin Style** | Round Pin Fin |
| **Attachment Method** | pushPIN™ (Brass/Plastic pins) |
| **Thermal Resistance** | 7.75 °C/W (at 200 LFM) |
---
### 2. Design and Engineering Features
#### A. Round Pin Fin Geometry
Unlike traditional straight-fin heat sinks, the pin-fin design is omnidirectional. This provides several advantages:
- **Airflow Efficiency:** It is ideal for systems where the direction of airflow is inconsistent or unpredictable.
- **Turbulence:** The pins break up the boundary layer of air, increasing turbulence and improving heat dissipation efficiency.
#### B. pushPIN™ Attachment System
This specific model uses the **pushPIN™** system, which replaces traditional thermal adhesives or heavy brackets.
- **Pressure Control:** It uses a built-in spring mechanism to provide a precise and consistent compression force onto the electronic component (CPU, GPU, or FPGA).
- **Secure Mounting:** The pins lock into pre-drilled holes on the PCB, ensuring the heat sink doesn't shift during transport or vibration.
#### C. Thermal Interface Material (TIM)
The "C2" in the part number typically indicates that the heat sink comes pre-applied with a high-performance thermal interface material. This ensures a low thermal resistance path between the heat-generating component and the aluminum pins.
---
### 3. Common Applications
The ATS-H1-10-C2-R0 is generally found in high-density electronic environments such as:
1. **Telecommunications:** Routers, switches, and base stations.
2. **Embedded Systems:** Single-board computers (SBCs) and industrial controllers.
3. **Power Electronics:** Cooling for MOSFETs or power modules.
- ⤷
What are the specific PCB hole diameter requirements for the pushPIN system?
- ⤷ How does blue anodization affect the thermal performance compared to raw aluminum?
- ⤷ What is the weight of this heat sink in grams?