データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ATS-P1-06-C2-R0

  • AI
    The **ATS-P1-06-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **maxiFLOW™** series, known for its high-efficiency cooling in constrained air-flow environments. --- ### 1. Technical Specifications The following table outlines the physical and thermal properties of this specific part: | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Series** | maxiFLOW™ | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Attachment Method** | pushPIN™ | | **Thermal Resistance (Air Flow)** | 14.90 °C/W @ 100 LFM | | **Dimensions (L x W x H)** | 45.00mm x 40.00mm x 10.00mm | | **Shape** | Rectangular, Flared Fin | --- ### 2. Key Design Components #### A. Flared Fin Geometry Unlike standard straight-fin heat sinks, the **maxiFLOW™** design features fins that flare outward. This geometry: * Reduces pressure drop. * Increases the surface area available for heat dissipation. * Is optimized for "impingement cooling" (air blowing directly onto the sink). #### B. pushPIN™ Attachment System This part utilizes the proprietary **pushPIN™** assembly. This electronic mounting system includes: * **Compression Springs:** Ensure consistent pressure between the heat sink and the electronic component (CPU/GPU/FPGA) for maximum thermal transfer. * **Brass/Plastic Pins:** Secure the unit through pre-drilled holes in the PCB. #### C. Thermal Interface Material (TIM) The "R0" at the end of the part number typically indicates the version of the pre-applied thermal material or the specific mounting hardware configuration. These units often come with a high-performance thermal pad or grease pre-applied to the base to bridge the microscopic air gaps between the heat sink and the chip. --- ### 3. Application Use Cases This component is designed for cooling high-power density electronic devices, including: * **Integrated Circuits (ICs):** Such as FPGAs, ASICs, and microprocessors. * **Telecommunications:** Cooling components in high-speed switches and routers. * **Power Electronics:** Dissipating heat from MOSFETs or power regulators. ---
    ✨ Follow-up Questions
    • ⤷ What are the differences between pushPIN™ and plastic clip mounting for heat sinks?
    • ⤷ How does the 'Blue Anodized' finish affect the thermal performance of this part?
    • ⤷ How do I calculate if the 14.90 °C/W thermal resistance is sufficient for my specific processor?