データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ATS-P1-68-C2-R0

  • AI
    The **ATS-P1-68-C2-R0** is a high-performance heat sink manufactured by Advanced Thermal Solutions (ATS). It is specifically designed for cooling electronic components such as CPUs, GPUs, and other high-power ICs. ### 1. Technical Specifications The following table highlights the primary mechanical and thermal properties of the unit: | Parameter | Specification | | :--- | :--- | | **Material** | Aluminum (Al) | | **Finish** | Blue Anodized | | **Attachment Method** | push-PIN™ | | **Thermal Resistance** | 15.31°C/W (at 100 LFM) | | **Dimensions (L x W x H)** | 45.00mm x 45.00mm x 15.00mm | | **Pitch** | 1.1mm (Variable) | --- ### 2. Design Features The "P1" designation refers to the **push-PIN™** mounting system, which provides several benefits for electronic assembly: * **Secure Attachment:** Uses a pre-assembled spring-loaded mechanism to ensure consistent pressure and optimal thermal contact with the component. * **Thermal Interface Material (TIM):** Typically comes with pre-applied phase-change material or thermal tape (indicated by the suffix code) to facilitate heat transfer. * **Fin Geometry:** Features a "Straight Fin" design, which is optimized for high-airflow environments where the air moves in a specific direction across the board. --- ### 3. Part Number Decoding Understanding the nomenclature helps in selecting the correct variant for electronic designs: | Segment | Meaning | | :--- | :--- | | **ATS** | Manufacturer (Advanced Thermal Solutions) | | **P1** | Attachment style (push-PIN™ with a specific spring rate) | | **68** | Series or Model number | | **C2** | Material/Finish (typically indicates Blue Anodized Aluminum) | | **R0** | Revision or Packaging code | --- ### 4. Implementation in Electronics When integrating the ATS-P1-68-C2-R0 into a PCB layout, engineers must account for the **hole pattern**. The push-PIN system requires specific mounting holes drilled into the PCB around the component. This ensures the heat sink remains stable during mechanical shocks or vibrations.
    ✨ Follow-up Questions
    • ⤷ What are the recommended PCB hole diameters for the push-PIN attachment?
    • ⤷ How does the thermal resistance change at higher airflows (e.g.
    • ⤷ 500 LFM)?
    • ⤷ Is there a version of this heat sink with a different height for low-profile enclosures?