データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ATS-P1-90-C2-R0

  • AI
    The **ATS-P1-90-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **maxiFLOW™** product series, designed to provide efficient cooling for high-power electronic devices. --- ### 1. Technical Specifications Below are the primary electronic and mechanical specifications for this part: | Feature | Specification | | :--- | :--- | | **Material** | Aluminum (Anodized Blue) | | **Dimensions (L x W x H)** | 36.83mm x 36.83mm x 25.00mm | | **Attachment Method** | pushPIN™ (Spring-loaded) | | **Thermal Resistance** | 6.33°C/W (at 200 LFM) | | **Flow Direction** | Rectangular fins for unidirectional airflow | | **Compliance** | RoHS Compliant | --- ### 2. Core Components and Design The ATS-P1-90-C2-R0 is engineered with several key structural features that define its performance: * **Finned Geometry:** It uses a high-aspect-ratio fin design which maximizes the surface area available for heat dissipation while maintaining a low profile. * **Thermal Interface Material (TIM):** This part usually comes pre-applied with high-performance phase-change material or thermal grease (T766) to ensure low contact resistance between the electronic component (like a BGA chip) and the heat sink. * **pushPIN™ Attachment:** The "P1" in the part number refers to the specific push-pin and spring mechanism. This ensures constant, uniform pressure on the component, which is critical for maintaining thermal efficiency over the product's lifespan. --- ### 3. Application Use Cases This part is typically found in environments where heat dissipation is critical for electronic longevity: 1. **Networking Hardware:** Switches, routers, and high-speed hubs. 2. **Power Electronics:** Voltage regulators and power modules that generate significant localized heat. 3. **Embedded Systems:** Industrial PCs and FPGA-based controllers where space is limited but thermal output is high. --- ### 4. Part Number Breakdown The naming convention follows a specific logic: ```text ATS - P1 - 90 - C2 - R0 | | | | | | | | | +-- Revision Code | | | +------- Material/Finish (Anodized Blue) | | +------------ Height/Design Profile | +----------------- Attachment Style (pushPIN™) +---------------------- Manufacturer (Advanced Thermal Solutions) ```
    ✨ Follow-up Questions
    • ⤷ What is the thermal resistance of this part at different airflow speeds?
    • ⤷ What are the specific hole patterns required for the pushPIN mounting?
    • ⤷ Does this heat sink come with pre-applied Thermal Interface Material (TIM)?