データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ATS-P2-06-C1-R0

  • AI
    The **ATS-P2-06-C1-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "pushPIN™" series, designed for cooling electronic components like CPUs, GPUs, and high-heat Integrated Circuits (ICs). --- ## 1. Technical Specifications The following table highlights the critical mechanical and thermal characteristics of the part: | Feature | Specification | | :--- | :--- | | **Material** | Aluminum (AL6063) | | **Finish** | Blue Anodized | | **Attachment Method** | pushPIN™ (Spring-loaded) | | **Heat Sink Type** | Straight Fin / Fine Pitch | | **Dimensions** | 40mm x 40mm x 10mm | | **Thermal Resistance** | 24.84 °C/W (at 100 LFM) | | **Thermal Interface Material (TIM)** | T766 (Pre-applied) | --- ## 2. Key Electronic & Mechanical Components ### A. Fin Design The ATS-P2-06-C1-R0 utilizes a **straight-fin** pattern. This design is optimized for high-performance cooling in environments with a directed airflow (convection). The "Fine Pitch" allows for a larger surface area in a small footprint (40mm x 40mm), which is essential for dissipating heat from sensitive semiconductor junctions. ### B. Attachment Mechanism (pushPIN™) Instead of using messy adhesives or permanent solder, this part uses a mechanical **pushPIN™** system. * **Brass Components:** The pins are typically made of brass or plastic. * **Compression Springs:** These ensure constant pressure between the heat sink and the electronic component, which maximizes thermal transfer efficiency and prevents air gaps. ### C. Thermal Interface Material (TIM) The "C1" in the part number indicates the presence of **T766 thermal grease**. * **Purpose:** In electronics, microscopic air gaps between a chip and a heat sink act as insulators. The T766 TIM fills these gaps. * **Effectiveness:** It provides high thermal conductivity to ensure that heat generated by the silicon die is moved immediately into the aluminum fins. --- ## 3. Application Use Cases This specific model is frequently found in the following electronic hardware: 1. **Network Switches/Routers:** Cooling the main processing ASIC. 2. **Power Supplies:** Managing heat for MOSFETs or voltage regulators. 3. **Embedded Systems:** Industrial PCs where vertical space is limited (10mm height). 4. **FPGA Boards:** Providing thermal relief for field-programmable gate arrays during high-duty cycles. ---
    ✨ Follow-up Questions
    • ⤷ How does the thermal resistance of this heat sink change at higher airflows (LFM)?
    • ⤷ What are the advantages of blue anodized finishes in electronic cooling?
    • ⤷ Can the pushPIN mechanism be reused for different PCB thicknesses?