データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ATS-P2-102-C3-R0

  • AI
    The **ATS-P2-102-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed to dissipate heat from electronic components like CPUs, GPUs, or FPGAs. --- ### 1. Technical Specifications The following table summarizes the physical and thermal properties of the component: | Feature | Specification | | :--- | :--- | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Attachment Method** | pushPIN™ (Spring-loaded) | | **Thermal Resistance** | 5.33°C/W (Unducted Flow @ 200 LFM) | | **Dimensions (L x W x H)** | 45.00mm x 45.00mm x 33.00mm | | **Pin Type** | Fine Pitch | | **Thermal Interface Material** | T412 (Pre-applied) | --- ### 2. Key Electronic Features * **maxiFLOW™ Design:** The heat sink features a tapered fin design that maximizes surface area while minimizing pressure drop. This allows for better cooling efficiency in restricted airflow environments. * **pushPIN™ Attachment:** It uses a specialized mounting system that includes a high-performance spring. This ensures a consistent pressure (Force) across the electronic component, preventing mechanical stress while optimizing heat transfer. * **Thermal Interface Material (TIM):** The **T412** coating is an "attachment-ready" phase-change material. It fills microscopic air gaps between the component die and the heat sink base, significantly reducing thermal resistance. --- ### 3. Application Use Cases The ATS-P2-102-C3-R0 is typically used in the following electronic sectors: 1. **Telecommunications:** Cooling for high-speed routers and switches. 2. **Embedded Systems:** Industrial PCs where space is limited but thermal output is high. 3. **Power Electronics:** Dissipating heat from Voltage Regulator Modules (VRMs). ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between ducted and unducted thermal resistance for this part?
    • ⤷ How does the pushPIN™ mounting system compare to adhesive tapes?
    • ⤷ What are the specific temperature limits for the T412 thermal interface material?