データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ATS-P2-124-C2-R0

  • AI
    The **ATS-P2-124-C2-R0** is a high-performance thermal management component, specifically a **Heat Sink** from the Advanced Thermal Solutions (ATS) push-pin series. It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors. --- ### 1. Technical Specifications The part number follows a specific nomenclature that defines its physical and thermal characteristics: | Attribute | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Material** | Aluminum (Blue Anodized) | | **Attachment Method** | Push-Pin (Plastic) | | **Fin Type** | Straight Fin | | **Thermal Resistance** | 3.18°C/W (at 200 LFM) | | **Dimensions (L x W x H)** | 50mm x 50mm x 25mm | | **Pressure Spring** | Stainless Steel | --- ### 2. Electronic Component Breakdown #### A. The Heat Sink Body The main body is made of **Aluminum 6063**, chosen for its excellent thermal conductivity and lightweight properties. The **Blue Anodized finish** is not just for aesthetics; it increases surface emissivity, which improves heat radiation and protects the metal from corrosion. #### B. The Push-Pin Mechanism Unlike adhesive-based heat sinks, the "P2" designation indicates a mechanical attachment system: * **Push-Pins:** Usually made of flexible plastic (Nylon) or brass. * **Compression Springs:** These ensure a consistent "downward force" (clamping pressure) on the electronic chip, which optimizes the thermal interface and prevents the sink from shifting during vibration. #### C. Thermal Interface Material (TIM) While the heat sink itself is metal, it is often paired with a **Phase Change Material (PCM)** or thermal grease at the base to fill microscopic air gaps between the heat sink and the electronic component. --- ### 3. Application Use Cases This specific part is typically used in the following electronic environments: * **Telecommunications:** Cooling of high-speed networking chips. * **Embedded Systems:** Industrial PC processors that require secure mechanical mounting. * **Power Electronics:** Cooling of large MOSFET arrays or power modules. --- ### 4. Thermal Performance Comparison *Under typical airflow conditions (LFM = Linear Feet per Minute):* | Airflow (LFM) | Thermal Resistance (°C/W) | | :--- | :--- | | 100 (Natural) | 5.33 | | 200 (Low Fan) | 3.18 | | 400 (High Fan) | 2.13 |
    ✨ Follow-up Questions
    • ⤷ What are the advantages of push-pin mounting over thermal adhesive?
    • ⤷ How do I calculate if the 3.18°C/W resistance is sufficient for my chip?
    • ⤷ Does this heat sink come with pre-applied thermal interface material?