データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ATS-P2-141-C1-R0

  • AI
    The **ATS-P2-141-C1-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **maxiFLOW™** series, designed to provide superior cooling for electronic components like CPUs, GPUs, and ASICs. --- ## 1. Technical Specifications The following table highlights the core physical and thermal characteristics of the component: | Feature | Specification | | :--- | :--- | | **Material** | Aluminum (Blue Anodized) | | **Dimensions** | 36.83mm x 36.83mm | | **Height** | 17.78mm | | **Attachment Method** | pushPIN™ | | **Thermal Resistance** | 1.56°C/W (@ 200 LFM) | | **Airflow Design** | maxiFLOW (Tapered Fin) | | **Compliance** | RoHS & REACH Compliant | --- ## 2. Key Design Features ### A. maxiFLOW™ Fin Geometry The "C1" in the part number refers to the specific fin design. The maxiFLOW™ pattern features a **spread fin geometry**. This increases the surface area and creates turbulence in the airflow, which significantly enhances the convection heat transfer coefficient compared to standard straight-fin heat sinks. ### B. pushPIN™ Attachment Unlike adhesive tapes or clips, this model uses a **pushPIN™** mechanism. * **Precision:** Provides a secure, high-pressure attachment to the PCB. * **Safety:** Includes a built-in compression spring to prevent over-tightening and damage to sensitive silicon dies. * **Stability:** Features a "snap-on" design for rapid assembly. ### C. Thermal Interface Material (TIM) The "R0" suffix usually denotes that the part comes with a pre-applied **Thermal Interface Material**. This ensures there are no air gaps between the component die and the aluminum base, optimizing heat conduction. --- ## 3. Electronic Application This part is typically used in the following electronic environments: 1. **Telecommunications:** High-speed routers and switches. 2. **Embedded Systems:** Industrial PCs where vertical space is limited to roughly 18mm. 3. **Power Electronics:** Cooling MOSFETs or voltage regulators that generate localized high heat. --- ## 4. Part Number Breakdown | Segment | Meaning | | :--- | :--- | | **ATS** | Advanced Thermal Solutions (Manufacturer) | | **P2** | Product Series / pushPIN™ type | | **141** | Specific sizing/template code | | **C1** | Fin pattern and density configuration | | **R0** | Finish and TIM (Thermal Interface Material) code |
    ✨ Follow-up Questions
    • ⤷ How does the thermal resistance of this heat sink change at different LFM (Linear Feet per Minute) values?
    • ⤷ What is the recommended PCB hole pattern for the pushPIN attachment on this model?
    • ⤷ Can this heat sink be customized with different thermal interface materials for higher heat loads?