データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ATS-P2-148-C1-R0

  • AI
    The **ATS-P2-148-C1-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed to cool high-power electronic components like CPUs, GPUs, and ASICs. --- ### 1. Technical Specifications Below are the primary physical and thermal characteristics of the part: | Parameter | Specification | | :--- | :--- | | **Material** | Aluminum (Black Anodized) | | **Dimensions (L x W x H)** | 30.00mm x 30.00mm x 15.00mm | | **Attachment Method** | pushPIN™ (Brass Pins) | | **Spring Type** | Compression Springs | | **Thermal Resistance** | 8.68°C/W (at 200 LFM) | | **Airflow Path** | Directional (maxiFLOW™) | --- ### 2. Key Electronic Features #### A. Thermal Management The part is designed to dissipate heat from surface-mount devices (SMDs). The **maxiFLOW™** geometry features a spread-fin design that maximizes surface area and increases turbulence, which significantly improves thermal performance in forced-convection environments. #### B. Mechanical Attachment (pushPIN™) Unlike adhesive-based heat sinks, this model uses a mechanical **pushPIN™** system: * **Reliability:** Ensures consistent pressure over the electronic component, optimizing the thermal interface. * **Reusability:** Allows for the heat sink to be removed and re-installed during board repairs or upgrades. * **Vibration Resistance:** The compression springs provide a secure fit that resists mechanical shock in industrial or automotive applications. #### C. Thermal Interface Material (TIM) The "R0" suffix usually denotes the inclusion of a pre-applied thermal interface material (typically **T766** or similar). This simplifies the assembly process in a manufacturing line by removing the need for manual paste application. --- ### 3. Application Use Cases This specific heat sink is typically found on: 1. **Network Switches/Routers:** Cooling high-speed processing chips. 2. **Embedded Systems:** Industrial PCs where space is limited but heat output is high. 3. **Power Supplies:** Managing heat for voltage regulators or power transistors. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the R0 and R1 suffixes for ATS heat sinks?
    • ⤷ How do I calculate the required airflow (LFM) for this specific model?
    • ⤷ Are there 3D CAD models available for the ATS-P2-148-C1-R0?